Electronic Components Datasheet Search
  English  ▼

X  

MFB Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # MFB
Description  Fiberglass Base Station Omnidirectional Antennas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MFB Datasheet(HTML) 2 Page - PCTEL, Inc.

  MFB Datasheet HTML 1Page - PCTEL, Inc. MFB Datasheet HTML 2Page - PCTEL, Inc. MFB Datasheet HTML 3Page - PCTEL, Inc. MFB Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
> pctel.com/antenna-products
Fiberglass Base Station Omnidirectional Antennas
ISM/LoRa/LPWAN Antennas – Base Station
PCTEL’s MFB 900/800 MHz series are base matched, half wave antennas encapsulated in
heavy-duty fiberglass radomes with a thick-walled aluminum mounting base for reliable
long-term use. All models are DC grounded and UPS shippable.
Features
• Rugged – White UV-resistant pultruded fiberglass radome, thick-walled aluminum mounting base
• Multiple options – Unity, 3 dB, 5 dB, 7 dB models
• Withstands weather extremes – Temperature range -40°C to +85°C
• Installs fast – Factory tuned, DC grounded, UPS shippable
Certifications
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com