Electronic Components Datasheet Search
  English  ▼

X  

MFB Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # MFB
Description  Fiberglass Base Station Omnidirectional Antennas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MFB Datasheet(HTML) 3 Page - PCTEL, Inc.

  MFB Datasheet HTML 1Page - PCTEL, Inc. MFB Datasheet HTML 2Page - PCTEL, Inc. MFB Datasheet HTML 3Page - PCTEL, Inc. MFB Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
> pctel.com/antenna-products
Standard Configuration
Model
Cables
Connector
Mount
MFBW7463
N/A
N Female
Mast or wall mounted. Mount options for all models: (sold separately)
MMK4: heavy-duty mast mount
MMK9: aluminum mast mount for 1-5/16" OD antennas
MBSWM: wall mounting bracket for antennas over 30" (two are required)
MMK12: heavy-duty mount bracket
MFB8133
N/A
N Female
MFB8583
N/A
N Female
MFB8965NF
2 ft RG213
N Female
MFB9153
N/A
N Female
MFB9155(NF)*
2 ft RG213
N Male
MFB9157(NF)*
2 ft RG213
N Male
Model
Frequency
Range
Gain
Elevation Half
Power Beamwidth
Average Power
Nominal Impedance
MFBW7463
746 - 869 MHz
3 dB
40°
150 watts
50 ohms
MFB8133
806 - 866 MHz
3 dB
40°
150 watts
50 ohms
MFB8583
806 - 866 MHz
3 dB
40°
150 watts
50 ohms
MFB8965NF
896 - 940 MHz
5 dB
22°
150 watts
50 ohms
MFB9153
902 - 928 MHz
3 dB
40°
150 watts
50 ohms
MFB9155(NF)
902 - 928 MHz
5 dB
22°
150 watts
50 ohms
MFB9157(NF)
902 - 928 MHz
7 dB
17°
150 watts
50 ohms
Model
Weight
Height
Bending Moment
at Rated Wind
Lateral Thrust
at Rated Wind
Equivalent Flat
Plate Area
Rated Wind
MFBW7463
1.50 lbs (0.68 kg)
27 in (68.5 cm)
16.9 lbf
13.5 lbf-ft
.17 sq ft
125 mph
MFB8133
1.25 lbs (0.57 kg)
28 in (71.0 cm)
14.5 lbf
12.5 lbf-ft
.12 sq ft
125 mph
MFB8583
1.25 lbs (0.57 kg)
28 in (71.0 cm)
14.5 lbf
12.5 lbf-ft
.12 sq ft
125 mph
MFB8965NF
1.75 lbs (0.79 kg)
50.7 in (128.9 cm)
48.5 lbf
23.0 lbf-ft
.23 sq ft
125 mph
MFB9153
1.25 lbs (0.57 kg)
23 in (58.4 cm)
8.3 lbf
8.6 lbf-ft
.12 sq ft
125 mph
MFB9155(NF)
1.75 lbs (0.79 kg)
50.7 in (128.9 cm)
48.5 lbf
23.0 lbf-ft
.23 sq ft
125 mph
MFB9157(NF)
4.00 lbs (1.81 kg)
94.7 in (240.67 cm)
164.8
41.8 lbf-ft
.42 sq ft
125 mph
Electrical Specifications - RF Antenna
Mechanical and Environmental Specifications
* (NF) indicates optional N Female connector.
3
SPECIFICATIONS
Fiberglass Base Station
Omnidirectional Antennas
ISM/LoRa/LPWAN Antennas – Base Station



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com