Electronic Components Datasheet Search
  English  ▼

X  

EVLVIPGAN50PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLVIPGAN50PD
Description  45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLVIPGAN50PD Datasheet(HTML) 1 Page - STMicroelectronics

  EVLVIPGAN50PD Datasheet HTML 1Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 2Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 3Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 4Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 5Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 6Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 7Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 8Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Input voltage range: Universal AC from 90 to 264 VAC with 47 Hz to 63 Hz
frequency
•
Output voltage: 5 V, 9 V, 12 V, 15 V, 20 V
•
Output current: 3 A @5 V, 9 V, 12 V, 15 V – 2.25 A @ 20 V
•
Maximum output power: 45 W
•
Efficiency standards: Meet CoC Tier 2 and DoE Level 6 efficiency requirements
•
Peak efficiency: > 92 %
•
Support for USB-PD, Type C output connector
•
Meets IEC55022 Class B conducted EMI
•
Key products: VIPerGaN50, STUSB4761, SRK1001
Application
•
AC-DC smart chargers for smartphones, tablets, laptops and other handheld
equipment
Description
The EVLVIPGAN50PD 45 W USB Type-C® Power Delivery 3.0 adapter is a USBPD
reference design solution. It is an isolated power supply based on the VIPERGAN50,
a new offline high-voltage converter from the VIPerPlus family with a 650 V HEMT
Power GaN transistor, designed for quasi-resonant flyback converters, capable of
providing an output power up to 50 W in wide range.
At the secondary side, to increase the system efficiency, the rectification is based on
the SRK1001 adaptive synchronous rectification controller.
Still on the secondary side, the CC/CV regulation loop to drive the power regulation
stage and the USB Type-C® PD interface is based on the STUSB4761 controller.
This controller offers the benefits of a full hardware USB PD stack allowing robust,
deterministic and safe negotiation in line with USB PD standard.
The evaluation board implements a robust adapter protected for output overvoltage,
output undervoltage, output over power and output short-circuit. This reference
design, based on STMicroelectronics semiconductors, helps designers to develop
adapters with a short bill of materials to obtain a cost-effective and fast design.
Product status link
EVLVIPGAN50PD
VIPERGAN50
STUSB4761
SRK1001
Product summary
45W USB PD
adapter
EVLVIPGAN50PD
Energy saving
offline High Voltage
Converter with 650
V GAN power
VIPERGAN50
Stand-alone USB
PD controller (with
integrated CC/CV)
STUSB4761
Adaptive
synchronous
rectification
controller for flyback
converter
SRK1001
Applications
USB Type-C PD
45 W QR USB PD adaptor reference design based on VIPERGAN50 and
STUSB4761
EVLVIPGAN50PD
Data brief
DB4675 - Rev 1 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLVIPGAN50PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
More results

Similar Description - EVLVIPGAN50PD

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_06 Datasheet
244Kb / 2P
300 W 80 PLUS ATX Reference Design
Rev. 2, Oct-2006
logo
Cirrus Logic
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
Stereo 100 W PWM Amplifier Reference Design
logo
Intersil Corporation
ZLUSBREF01 INTERSIL-ZLUSBREF01 Datasheet
235Kb / 6P
USB to SMBus Reference Design
logo
STMicroelectronics
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
Reference design: wide range 200W L6599-based
25-Oct-2007
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com