Electronic Components Datasheet Search
  English  ▼

X  

EVLVIPGAN50PD Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVLVIPGAN50PD
Description  45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLVIPGAN50PD Datasheet(HTML) 3 Page - STMicroelectronics

  EVLVIPGAN50PD Datasheet HTML 1Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 2Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 3Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 4Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 5Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 6Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 7Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 8Page - STMicroelectronics EVLVIPGAN50PD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2
Schematics
Figure 1. Motherboard circuit schematic
U4 SRK1001
VCC
4
GND
3
GD
2
TON
8
VAUX
6
DVS
5
TOF F
7
DIS/S y nc
1
J P 2
0
J P 3 0
C15
4.7nF
U6
VIPERG40
GND1
1
GND2
2
GND3
3
GND4
4
BR
5
iOVP
6
TAB
7
ZCD
11
VDD
12
DRAIN1
15
DRAIN2
16
DRV
13
C27
10uF
25V
X2
305Vac
R 1
180K
R 18
4.7M
C 3
470pF
1kV
R 46
3M3
R 47
75k
R 48
49.9k
R 19
4.7M
R 3
18R
D2
R S 1K
R 36
1K
R 37
15K
T1
750841210
10
9
1
4
2
7
3
5
6
VSR C
C 8
4.7uF
100V
J 2
C ON1
1
D5
BZV55-C 18
U3
SFH617A-2X017
C 7
100nF
+
C 6
22uF
50V
D4
R 23
360K
R 26 68k
TP9
VSR C
D7
BAT43WS
J 1
C ON1
1
R 21
68K
R 8
18K
C 29
470pF
C 35
1nF
R 28
330
Q3
BS S169
TP14
VDD
C 28 1uF
VS R C
C 19
4.7uF
25V
R 25
47k
TP1
HV
TP 5
GND
C 18
NC
R 22 NC
+
C 1
22u
+
C 2
22u
+
C 33
22u
+
C 34
22u
C 30
220pF
TP8
GND_SIGNAL
V_R EC T
F 1
3.15A - 300Vac
R T1
NTC 2R 2
L1
47uH
D12
Z4GP208L-HF
2
3
HV
Q2
BSC 0302LS
J 4
C ONN PC B 3
1
2
3
R 2
180K
R 51
3M3
+
C 10
330u
+ C9
560u
R 52
3M3
D11
S MAZ24
C 5
100nF
R 7
0
VSR C
X1-Y1 250Vac
R V1
B72210S0271K101
R 34 33R
Figure 2. Daughterboard circuit schematic
V_OUT
C8
15nF
50V
D1
RS1K
U1
S TUS B4761
16
VDD
15
Vre g_2V7
14
Vre g_1V2
7
GND
6
SDA
5
SC L
13
VBus -EN
8
Is e ns e
TP 2
TURRET
R9
10K
R6
100R
R2
47K
TP 15
TURRET
R5
510R
1%
D2 ES DA25L
IoutMAX= 3 A
R 12
3K
C7
33nF
50V
C4
470nF
50V
VS RC
R10
4K7
R11
4K7
Vout=5Vdc, 9Vdc,12Vdc, 15Vdc, 20Vdc
2V7
C 3
100nF
50V
TP 4
S DA
C5
1uF
10V
NM
C6 1uF
10V
RT1
NTC 100K
C1
1uF
R4
10K
R3
100R
1%
RT2
NTC 100K
R1
0.01R
R7 0R
J 5
CONN P CB 3
1
2
3
R 8
4K7
2V7
TP 3
S LC
F B
F B
Q1
AONR21307
VS R C
J 2
US B-C-Re c e pta c le _3
GNDA1
A1
Tx+1
A2
Tx-1
A3
Vbus A1
A4
CC1
A5
D+1
A6
D-1
A7
S bu1
A8
Vbus A2
A9
Rx-2
A10
R x+2
A11
GNDA2
A12
GNDB2
B12
Rx+1
B11
Rx-1
B10
Vbus B2
B9
S bu2
B8
D-2
B7
D+2
B6
CC2
B5
Vbus B1
B4
Tx-2
B3
Tx+2
B2
GNDB1
B1
S CH1
25
S CH2
26
S CH3
27
S CH4
28
Q2
AONR21307
C 42
10uF
25V
EVLVIPGAN50PD
Schematics
DB4675 - Rev 1
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com