Electronic Components Datasheet Search
  English  ▼

X  

MM2019 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MM2019
Description  Magigoo® - Metal for Ultrafuse® 316L, is an all-in-one 3D printing adhesive that offers sure adhesion with easy part removal for BASF Ultrafuse® 316L filament
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MM2019 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MM2019 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 3Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description:
Magigoo® - Metal for Ultrafuse® 316L, is an all-in-one 3D printing adhesive
that offers sure adhesion with easy part removal for BASF Ultrafuse® 316L
filament. Magigoo - Metal, has been specifically formulated for BASF
Ultrafuse® 316L filament to ensure reliable first layer adhesion whilst also
being non-hazardous and compliant with the filament post processing
methods.
Warping, among other factors, is caused by the differential
cooling of a print during the 3D printing process due to the thermoplastic
nature of the filament binding materials. For printing repeatability, reliability
and sure adhesion, Magigoo® - Metal is needed.
Technical specifications:
‣ Appearance: clear-faint yellow liquid
‣ Consistency: low viscosity
‣ Solvent:water
Properties:
Magigoo® - Metal, acts as a thermally activated interfacial layer, allowing
for better interactions, both at the micro and molecular level, between the
printing bed and the printing materials. It is generally recommended to
print according to the printing temperatures recommended by the filament
supplier. For use with BASF Ultrafuse® 316L a build-plate temperature of
90-110 °C is recommended, nonetheless, the printing conditions might vary
between one printer and another. It is always recommended to determine
the ideal build-plate temperature of the printer prior to printing green parts
with BASF Ultrafuse® 316L.
Intended use:
To be used on FDM/FFF 3D printers with a heated bed on glass surfaces.
Magigoo Metal is intended for use with BASF Ultrafuse® 316L FDM filament
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com