Electronic Components Datasheet Search
  English  ▼

X  

MM2019 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MM2019
Description  Magigoo® - Metal for Ultrafuse® 316L, is an all-in-one 3D printing adhesive that offers sure adhesion with easy part removal for BASF Ultrafuse® 316L filament
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MM2019 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MM2019 Datasheet HTML 1Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 2Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 3Page - List of Unclassifed Manufacturers MM2019 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Application Method:
Step 1: Shake the bottle vigorously.
Step 2: Press nib against the surface.
NB! The Magigoo – Metal container is spring activated. Pressing
the bottle without pressing the nib against the bed may result in
applicator popping off and product wastage.
Step 3: Apply to Desired area
Step 4: Print
NB! Ensure proper bed calibration. Having nozzle too close to
bed surface may cause excess adhesion, this can potentially
cause the printed part to be more difficult to remove from the
build-plate.
After printing, completely submerge the build-plate in water or
soak around the part, after some time, usually between 30
minutes and a couple of hours, the part should come off on its
own.
Step 5: Clean
NB! Just wipe off with a damp (water) cloth if any residue is left
on the build-plate after part removal.
Spring activated valve
inside
Press to get adhesive flow
* Images are illustrative.
*
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com