Electronic Components Datasheet Search
  English  ▼

X  

SRD103BWS Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SRD103BWS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SRD103BWS Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SRD103BWS Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SRD103BWS Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
· Small surface mounting type
· Ideal for automated placement
· Ultrafast reverse recovery time
· Low power losses, high efficiency
· Low forward voltage drop
· High current capability
Maximum Ratings (TA = 25℃ unless otherwise noted)
SRD103BWS=S5
SRD103CWS=S6
Repetitive peak reverse voltage
RMS voltage
Items
Dimensions in inches and (millimeters)
SRD103AWS/ SRD103BWS/ SRD103CWS
SCHOTTKY BARRIER RECTIFIER
Mechanical Data
· Case : SOD-323, Molded Plastic
· Case Material : “Green” MoldingCompound.
· UL Flammability Classification Rating 94V-0
· Marking : SRD103AWS=S4
SOD-323
0.010(0.25)
0.014(0.35)
0.091(2.30)
0.106(2.70)
0.004(0.10)
0.006(0.15)
0.008(0.20)
0.016(0.40)
CURRENT 350 mA
VOLTAGE 20 to 40 V
Non-repetitive peak forward surge current @t=8.3ms
Power dissipation
DC blocking voltage
Thermal resistance junction to ambient
Average forward rectified current
0.041(1.05) Typical
0.047(1.20)
0.055(1.40)
0.063(1.60)
0.071(1.80)
0.002(0.05) Typical
Storage temperature range
Operating junction temperature range
Symbols
VRRM
VRMS
VDC
IFSM
IFM
PD
RθJA
TSTG
TJ
SRD103CWS
20
14
20
SRD103AWS
40
28
40
℃/W
Units
V
V
℃
V
A
mW
mA
℃
SRD103BWS
30
21
1.5
-55 to + 150
350
200
30
-40 to + 125
500
Electrical Characteristics (TA = 25℃ unless otherwise noted)
Testconditions
SRD103AWS
SRD103BWS
SRD103CWS
Typ
10
Min
40
30
20
Reverse breakdown voltage
Items
IR=100μA
IF=20mA
IF=200mA
VR=30V SRD103AWS
VR=20V SRD103BWS
VR=10V SRD103CWS
Reverse leakage current
Max
0.37
0.6
5
50
Symbols
V(BR)R
IR
VF
CT
Trr
Forward voltage
Total capacitance
Reverse recovery time
Units
V
μ
A
ns
V
pF
VR=0V , f=1.0MHz
IF=IR=200mA , IRR=0.1XIR, RL=100Ω
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - SRD103BWS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRD1030 TSC-SRD1030 Datasheet
51Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRD103BWS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com