Electronic Components Datasheet Search
  English  ▼

X  

SRD103BWS Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SRD103BWS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SRD103BWS Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SRD103BWS Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SRD103BWS Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-POWER DERATING CURVE
TA, AMBIENT TEMPERATURE (℃)
FIG.3-REVERSE CHARACTERISTICS
VR, REVERSE VOLTAGE (V)
RATINGS AND CHARACTERISTIC CURVES SRD103AWS/ SRD103BWS/ SRD103CWS
25
100
75
50
125
250
200
150
100
50
0
0
0
10
20
30
40
1000
100
10
1
0.1
FIG.2-FORWARD CHARACTERISTICS
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.2
0.3
0.4
0.1
0
0.5
0.6
350
100
10
0.1
1
FIG.4-CAPACITANCE CHARACTERISTICS
VR, REVERSE VOLTAGE (V)
0
5
10
15
30
20
25
50
30
40
0
10
20
TA=100℃
TA=25℃
TA=100℃
TA=25℃
f=1.0MHz
TA=25℃
https://dec.co.kr
DAESAN ELECTRONIC CORP.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com