Electronic Components Datasheet Search
  English  ▼

X  

AP7387 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7387
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7387 Datasheet HTML 1Page - Diodes Incorporated AP7387 Datasheet HTML 2Page - Diodes Incorporated AP7387 Datasheet HTML 3Page - Diodes Incorporated AP7387 Datasheet HTML 4Page - Diodes Incorporated AP7387 Datasheet HTML 5Page - Diodes Incorporated AP7387 Datasheet HTML 6Page - Diodes Incorporated AP7387 Datasheet HTML 7Page - Diodes Incorporated AP7387 Datasheet HTML 8Page - Diodes Incorporated AP7387 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP7387
Document number: DS44416 Rev. 3 - 2
1 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7387
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Description
The
DIODES™ AP7387 series is a wide input voltage range (60V),
low quiescent current, high PSRR linear regulator able to drive
150mA output current.
The AP7387 features a very fast line/load transient response against
rapid input-voltage and load-current changes. The IC consists of a
voltage reference, an error amplifier, a current-limit circuit for current-
protection, short-circuit, and thermal-shutdown protection.
The AP7387 has 3.0V, 3.3V, 3.6V, and 5V fixed output voltage
versions, and is available in the SOT23, SOT25, SOT89, SOT89R
and U-DFN2020-6 (Type C) packages.
Features
Wide Input Voltage Range: 5V to 60V
Maximum Output Current: 150mA
Dropout Voltage:
VDROP = 700mV@IOUT = 100mA (Typ.)
VDROP = 1100mV@ IOUT = 150mA (Typ.)
Low Quiescent Current: 2
μA (Typ.)
High Output Voltage Accuracy:
±2%
High PSRR: 70dB@1kHz
Excellent Line/Load Regulation
Thermal Shutdown Function
Short Current Protection Function
Output Current Limit
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
(Top View)
SOT23
SOT89
(Top View)
(Top View)
SOT89R
SOT25
(Top View)
(Top View)
U-DFN2020-6 (Type C)
U-DFN2020-6R (Type C)
Applications
Battery-powered equipment
Smoke detector and sensors
EV and HEV battery management systems
Micro-controller applications
Home appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3
2
1
VIN
GND
VOUT
1
2
3
VOUT
VIN
GND
1
2
3
6
5
4
VOUT
GND
VIN
EP
NC
NC
NC
5
3
2
1
4
NC
VOUT
VIN
GND
NC
1
2
3
6
5
4
VOUT
GND
VIN
EP
NC
NC
GND
1
2
3
VOUT
VIN
GND
Future Product


Similar Part No. - AP7387

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7387Q-30FDCW-7 DIODES-AP7387Q-30FDCW-7 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7387Q-30Y-13 DIODES-AP7387Q-30Y-13 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7387Q-33FDCW-7 DIODES-AP7387Q-33FDCW-7 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7387Q-33Y-13 DIODES-AP7387Q-33Y-13 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
More results

Similar Description - AP7387

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com