Electronic Components Datasheet Search
  English  ▼

X  

AP7387 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7387
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7387 Datasheet HTML 6Page - Diodes Incorporated AP7387 Datasheet HTML 7Page - Diodes Incorporated AP7387 Datasheet HTML 8Page - Diodes Incorporated AP7387 Datasheet HTML 9Page - Diodes Incorporated AP7387 Datasheet HTML 10Page - Diodes Incorporated AP7387 Datasheet HTML 11Page - Diodes Incorporated AP7387 Datasheet HTML 12Page - Diodes Incorporated AP7387 Datasheet HTML 13Page - Diodes Incorporated AP7387 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP7387
Document number: DS44416 Rev. 3 - 2
10 of 18
www.diodes.com
July 2022
© Diodes Incorporated
AP7387
Ordering Information
AP7387 - XX XXXX - XX
Packing
13/7: Tape & Reel
Output Voltage
30 : 3.0V
33 : 3.3V
36 : 3.6V
50 : 5.0V
Package
SA : SOT23
Y : SOT89
W5 : SOT25
FDC : U-DFN2020-6
(Type C)
FDCR : U-DFN2020-6R
(Type C)
YR : SOT89
Part Number
Package Code
Package
Packing
Quantity
Carrier
AP7387-XXSA-7
SA
SOT23
3000
Tape & Reel
AP7387-XXY-13
Y
SOT89
2500
Tape & Reel
AP7387-XXYR-13 (*)
YR
SOT89R
2500
Tape & Reel
AP7387-XXW5-7
W5
SOT25
3000
Tape & Reel
AP7387-XXFDC-7
FDC
U-DFN2020-6 (Type C)
3000
Tape & Reel
AP7387-XXFDCR-7
FDCR
U-DFN2020-6R (Type C)
3000
Tape & Reel
*: Future Product
Application Information
Output Capacitor
An output capacitor is required for the stability of the LDO. The recommended minimum output capacitance is 10
μF. A ceramic capacitor is
recommended with the temperature characteristics of X7R or X5R. Higher capacitance values help to improve load/line transient response. The
output capacitance may be increased to keep low undershoot/overshoot. Place the output capacitor as close as possible to OUT and GND pins.
Input Capacitor
A 1μF ceramic capacitor is recommended to connect between VIN and GND pins to decouple input power supply glitch and noise. The amount of
the capacitance may be increased without limit. This input capacitor must be located as close as possible to the device to assure input stability
and less noise. For PCB layout, a wide copper trace is required for both VIN and GND.
Current-Limit and Short-Circuit Protection
When the output current at VOUT pin is higher than the current-limit threshold or the VOUT pin is directly shorted to GND, current-limit protection
will trigger and clamp the output current at a pre-designed level to prevent overcurrent and thermal damage.
Thermal Protection
The AP7387 has internal thermal sense and protection circuits. When excessive power dissipation happens on the device, such as short circuit at
the output pin or very heavy load current with a large voltage drop across the device, the internal thermal protection circuit will trigger, and it will
shut down the power MOSFET to prevent the LDO from damage. As soon as the excessive thermal condition is removed and the temperature of
the device drops down, the thermal protection circuit will release the control of the power MOSFET and the LDO device will return to normal
operation.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the input, output, and ground pins of the device. The
regulator ground pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is
generally used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT, and load circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com