Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CFR3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 2Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 3Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 4Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
6.3 Orientation
aaa-040835
X
Y
Z
Xout @ - 1 g
Yout @ 0 g
Zout @ 0 g
Xout @ 1 g
Yout @ 0 g
Zout @ 0 g
(Top view)
Reference frame for acceleration measurement
Xout @ 0 g
Yout @ 1 g
Zout @ 0 g
Xout @ 0 g
Yout @ - 1 g
Zout @ 0 g
Xout @ 0 g
Yout @ 0 g
Zout @ 1 g
Xout @ 0 g
Yout @ 0 g
Zout @ - 1 g
Pin 1
Portrait up
Side view
Back view
Front view
Top view
Portrait down
Landscape left
Landscape right
Gravity
Figure 3. Sensitive axes orientation and output response to ±1 g (gravity) stimulus
7 Limiting values
The limiting values are the absolute maximum ratings the device can be exposed to
without damage. Functional operation at absolute maximum rating is not guaranteed.
Although this device contains circuitry to protect against damage due to high static
voltage or electrostatic fields, it is advised that normal precautions be taken to avoid
application of any voltage higher than the maximum-rated voltage.
Symbol
Rating
Min
Max
Unit
ACCmax-2k
Maximum applied acceleration, 0.5 ms duration
—
2,000
g
ACCmax-10k
Maximum applied acceleration, 0.1 ms duration
—
10,000
g
VDDMAX
Maximum sensor supply voltage
0
+3.6
V
VINMAX
Maximum voltage level applied to any input pin
–0.3
VDD+0.3
V
TOP
Operating temperature range
–40
+105
°C
TSTG
Storage temperature range
–40
+125
°C
Table 4. Device absolute maximum ratings
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
6 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com