Electronic Components Datasheet Search
  English  ▼

X  

FXLS8974CFR3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 4Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 11Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
VDD = 3.0 V, T = 25 °C , unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
±2 g mode
—
0.98
—
±4 g mode
—
1.95
—
±8 g mode
—
3.91
—
±16 g mode
—
7.81
—
mg/LSB
±2 g mode
—
1024
—
±4 g mode
—
512
—
±8 g mode
—
256
—
SEN
Nominal sensitivity
±16 g mode
—
128
—
LSB/g
SENTOL
Sensitivity tolerance[1]
—
—
±2.5
—
%SEN
TCS
Temperature coefficient of
sensitivity[1]
–40 °C to +105 °C
—
±0.01
—
%/°C
XY axes
—
±50
—
OFFPBM
Zero-g offset, post-board mount, FSR
≤ ±8g [1][2]
Z axis
—
±150
—
mg
XY axes
—
0.55
—
TCOPBM
Zero-g offset temperature coefficient,
post-board mount[1]
Z axis
—
0.8
—
mg/°C
CAS
Cross-axis sensitivity[3]
±2/4 g mode
—
±0.5
—
%
±4 g mode, X axis
–206
–139
–81
±4 g mode, Y axis
78
137
207
±4 g mode, Z axis
–727
–448
–120
±8 g mode, X axis
–103
–69
–40
±8 g mode, Y axis
38
68
103
±8 g mode, Z axis
–355
–223
–71
±16 g mode, X axis
–52
–35
–19
±16 g mode, Y axis
19
34
52
STOC
Self-test output change[4]
±16 g mode, Z axis
–178
-112
–35
LSB
±4 g mode
–1600
—
+1600
±8 g mode
–800
—
+800
STOF
Self-test offset[4]
±16 g mode
–400
—
+400
LSB
BWMAX
Maximum signal bandwidth
ODR = 3200 Hz
—
1600
—
Hz
ODRMAX
Maximum ODR
—
—
3200
—
Hz
XY axes
—
217
—
NSDHPM
Noise Spectral Density, High
Performance Mode, FSR ≤ ±4 g, 25
Hz ≤ ODR ≤ 3200 Hz
Z axis
—
257
—
µg/
⎷Hz
XY axes
—
7.8
—
NRMSLPM
Noise RMS, Low-Power Mode, FSR
≤ ±4 g, all ODR ranges[5]
Z axis
—
9.4
—
mg
Table 7. Accelerometer sensor performance parameters...continued
[1]
Determined with post board mount data using a standard lead-free reflow profile and NXP recommended landing pattern on a 2-layer FR4 PCB with 1.2
mm (47 mil) overall thickness.
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
8 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com