Electronic Components Datasheet Search
  English  ▼

X  

WM8940 Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8940 Datasheet HTML 69Page - Cirrus Logic WM8940 Datasheet HTML 70Page - Cirrus Logic WM8940 Datasheet HTML 71Page - Cirrus Logic WM8940 Datasheet HTML 72Page - Cirrus Logic WM8940 Datasheet HTML 73Page - Cirrus Logic WM8940 Datasheet HTML 74Page - Cirrus Logic WM8940 Datasheet HTML 75Page - Cirrus Logic WM8940 Datasheet HTML 76Page - Cirrus Logic WM8940 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
WM8940
Rev 4.4
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
DACMU
0
DAC soft mute enable
0 = DACMU disabled
1 = DACMU enabled
Output Signal
Path
5:3
00
Reserved
2
AMUTE
0
DAC auto mute enable
0 = auto mute disabled
1 = auto mute enabled
Output Signal
Path
1
0
Reserved
0
DACPOL
0
DAC Polarity Invert
0 = No inversion
1 = DAC output inverted
Output Signal
Path
11 (0Bh)
15:8
00h
Reserved
7:0
DACVOL
11111111
DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
… 0.5dB steps up to
1111 1111 = 0dB
Output Signal
Path
12 (0Ch)
15:0
Reserved
13 (0Dh)
15:0
Reserved
14 (0Eh)
15:9
00h
Reserved
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
Analogue to
Digital Converter
(ADC)
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1st order, fc = ~3.7Hz)
1=Application mode (2nd order, fc = HPFCUT)
Analogue to
Digital Converter
(ADC)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 14 for details.
Analogue to
Digital Converter
(ADC)
3:1
00
Reserved
0
ADCPOL
0
ADC Polarity
0=normal
1=inverted
Analogue to
Digital Converter
(ADC)
15 (0Fh)
15:8
00h
Reserved
7:0
ADCVOL
11111111
ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Analogue to
Digital Converter
(ADC)
16 (10h)
15
NF0_UP
0
Notch filter 0 update. The notch filter 0 values used
internally only update when one of the NF0_UP bits is
set high.
Analogue to
Digital Converter
(ADC)
14
NF0_EN
0
Notch filter 0 enable:
0=Disabled
1=Enabled
Analogue to
Digital Converter
(ADC)
13:0
NF0_A0
0000h
Notch Filter 0 a0 coefficient
Analogue to
Digital Converter
(ADC)
17 (11h)
15
NF0_UP
0
Notch filter 0 update. The notch filter 0 values used
internally only update when one of the NF0_UP bits is
set high.
Analogue to
Digital Converter
(ADC)
14
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com