Electronic Components Datasheet Search
  English  ▼

X  

WM8940 Datasheet(PDF) 77 Page - Cirrus Logic

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button WM8940 Datasheet HTML 73Page - Cirrus Logic WM8940 Datasheet HTML 74Page - Cirrus Logic WM8940 Datasheet HTML 75Page - Cirrus Logic WM8940 Datasheet HTML 76Page - Cirrus Logic WM8940 Datasheet HTML 77Page - Cirrus Logic WM8940 Datasheet HTML 78Page - Cirrus Logic WM8940 Datasheet HTML 79Page - Cirrus Logic WM8940 Datasheet HTML 80Page - Cirrus Logic WM8940 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
WM8940
Rev 4.4
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5:0
PLLK[23:18]
001100
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
38 (26h)
15:9
00h
Reserved
8:0
PLLK[17:9]
010010011
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
39 (27h)
15:9
00h
Reserved
8:0
PLLK[8:0]
011101001
Fractional (K) part of PLL1 input/output frequency ratio
(treat as one 24-digit binary number).
Master Clock and
Phase Locked
Loop (PLL)
40 (28h)
15:0
0000h
Reserved
41 (29h)
15:0
0000h
Reserved
42 (2Ah)
15:2
0
Reserved
1
ALCZC
0 (zero
cross off)
ALC uses zero cross detection circuit.
0 = Disabled (recommended)
1 = Enabled
ALC Control 4
0
0
Reserved
43 (2Bh)
15:0
0000h
Reserved
44 (2Ch)
15:9
00h
Reserved
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.75 * AVDD
Input Signal Path
7:4
0h
Reserved
3
AUXMODE
0
Auxiliary Input Mode
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Input Signal Path
2
AUX2INPPGA
0
Select AUX amplifier output as input PGA signal
source.
0=AUX not connected to input PGA
1=AUX connected to input PGA amplifier negative
terminal.
Input Signal Path
1
MICN2INPPGA
1
Connect MICN to input PGA negative terminal.
0=MICN not connected to input PGA
1=MICN connected to input PGA amplifier negative
terminal.
Input Signal Path
0
MICP2INPPGA
0
Connect input PGA amplifier positive terminal to MICP
or VMID.
0 = input PGA amplifier positive terminal connected to
VMID
1 = input PGA amplifier positive terminal connected to
MICP through variable resistor string
Input Signal Path
45 (2Dh)
15:8
00h
Reserved
7
INPPGAZC
0
Input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1st zero cross after gain register
write.
Input Signal Path
6
INPPGAMUTE
1
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the
following input BOOST stage).
Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com