Electronic Components Datasheet Search
  English  ▼

X  

DTO25 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DTO25
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO25 Datasheet(HTML) 4 Page - Vishay Siliconix

  DTO25 Datasheet HTML 1Page - Vishay Siliconix DTO25 Datasheet HTML 2Page - Vishay Siliconix DTO25 Datasheet HTML 3Page - Vishay Siliconix DTO25 Datasheet HTML 4Page - Vishay Siliconix DTO25 Datasheet HTML 5Page - Vishay Siliconix DTO25 Datasheet HTML 6Page - Vishay Siliconix DTO25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DTO25
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
4
Document Number: 51054
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENERGY CURVE at 25 °C
POWER CURVE at 25 °C
Single Pulse:
These informations are for a single pulse on a cold resistor
at 25 °C (not already used for a dissipation) and for pulses
of 100 ms maximum duration.
The formula used to calculate E is:
with:
The energy calculated must be less than that allowed by the
graph.
Repetitive or Superimposed Pulses:
The following formula is used to calculate the “equivalent”
energy of a repetitive pulse or the “equivalent energy” of a
pulse on a resistor that is already dissipating power.
with:
The energy calculated must be less than that allowed by the
graph and the average power dissipated (Pa) must not
exceed the continuous power of resistor.
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
Axis Title
Overloard Duration (s)
10
100
1000
10000
10
100
1000
10 000
100 000
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
Axis Title
Overload Duration (s)
E (J):
pulse energy
P (W): pulse power
t (s):
pulse duration
U (V):
pulse voltage
R (Ω): resistor
EP x t
U
2
R
--------
x t
==
Ec (J): equivalent pulse energy
E (J):
known pulse energy
P
r:
resistor power rating
P
a:
mean power being dissipated
E
c
E x 1
P
a
P
r
------
+


=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com