Electronic Components Datasheet Search
  English  ▼

X  

DTO25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DTO25
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO25 Datasheet(HTML) 2 Page - Vishay Siliconix

  DTO25 Datasheet HTML 1Page - Vishay Siliconix DTO25 Datasheet HTML 2Page - Vishay Siliconix DTO25 Datasheet HTML 3Page - Vishay Siliconix DTO25 Datasheet HTML 4Page - Vishay Siliconix DTO25 Datasheet HTML 5Page - Vishay Siliconix DTO25 Datasheet HTML 6Page - Vishay Siliconix DTO25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DTO25
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
2
Document Number: 51054
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Standard Package
TO-252 style (DPAK)
SPECIAL FEATURES
Resistance Values
≥ 0.016
≥ 0.1
≥ 0.5
Requirement Temperature Coefficient (TCR)
(-55 °C +150 °C) IEC 60115-1
± 900 ppm/°C
± 350 ppm/°C
± 150 ppm/°C
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1 §4.13
1.6 Pr 5 s
US < 1.5 UL
± (0.25 % + 0.005
Ω)
Load Life
IEC 60115-1
1000 h, 90/30 Pr at +25 °C
± (0.5 % + 0.005
Ω)
High Temperature Exposure
AEC-Q200 rev. D conditions:
MIL-STD-202 method 108
1000 h, +175 °C, unpowered
± (0.5 % + 0.005
Ω)
Temperature Cycling
AEC-Q200 rev. D conditions:
pre-conditioning 3 reflows according
JESTD020D
JESD22 method JA-104
1000 cycles, (-55 °C to +125 °C)
dwell time 15 min
± (0.5 % + 0.005
Ω)
Biased Humidity
AEC-Q200 rev. D conditions:
MIL-STD-202 method 103
1000 h, 85 °C, 85 % RH
± (0.5 % + 0.005
Ω)
Operational Life
AEC-Q200 rev. D conditions:
pre-conditioning 3 reflows according
JESTD020D
MIL-STD-202 method 108
1000 h, 90/30, powered, +125 °C
± (0.5 % + 0.005
Ω)
ESD Human Body Model
AEC-Q200 rev. D conditions:
AEC-Q200-002
25 kVAD
± (0.5 % + 0.005
Ω)
Vibration
AEC-Q200 rev. D conditions:
MIL-STD-202 method 204
20 g’s for 20 min, 12 cycles
test from 10 Hz to 2000 Hz
± (0.2 % + 0.005
Ω)
Mechanical Shock
AEC-Q200 rev. D conditions:
MIL-STD-202 method 213
100 g’s, 6 ms, 3.75 m/s
3 shocks/direction
± (0.2 % + 0.005
Ω)
Board Flex
AEC-Q200 rev. D conditions:
AEC-Q200-005
bending 2 mm, 60 s
± (0.25 % + 0.01
Ω)
Terminal Strength
AEC-Q200 rev. D conditions:
AEC-Q200-006
1.8 kgf, 60 s
± (0.25 % + 0.01
Ω)
ASSEMBLY SPECIFICATIONS
For the assembly on board, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
TESTS
CONDITIONS
REQUIREMENTS
Resistance to Soldering Heat
AEC-Q200 rev. D
MIL-STD-202 method 210
Solder bath method: 270 °C / 10 s
± (0.5 % + 0.005
Ω)
Moisture Sensitivity Level (MSL)
IPC / JEDEC® J-STD-020C
85 °C / 85 % RH / 168 h
Level: 1
+ pass requirements of TCR overload
and dielectric strength after MSL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com