Electronic Components Datasheet Search
  English  ▼

X  

HRHA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HRHA
Description  Charging Resistor for EV Hybrid Wirewound Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HRHA Datasheet(HTML) 2 Page - Vishay Siliconix

  HRHA Datasheet HTML 1Page - Vishay Siliconix HRHA Datasheet HTML 2Page - Vishay Siliconix HRHA Datasheet HTML 3Page - Vishay Siliconix HRHA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HRHA
www.vishay.com
Vishay MCB
Revision: 14-Dec-2021
2
Document Number: 32594
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
For soldering recommendations please see www.vishay.com/doc?32595
DISSIPATION
Fig. 1 - Permanent Applicable Power as a Function of
Ambient Temperature
Fig. 2 - Bottom Case Temperature as a Function of the
Power Applied at Tamb = 30 °C
DIMENSIONS in millimeters
70 ± 1.2
16 ± 0.4
57 ± 0.5
9 ± 0.3
(2 x) Ø 5.5 ± 0.17
55.4 ± 1
0.8 ± 0.03
26.2 ± 0.55
A
Detail A
6.3 ± 0.1
8 ± 0.4
(Ø 1,7)
B
Marking detail B
3 last digits of the batch number
Year and month
10
100
1000
10000
0
20
40
60
80
100
120
0
50
100
150
200
250
300
Axis Title
Ambient Temperature (°C)
10
100
1000
10000
0
20
40
60
80
100
120
0
50 100 150 200 250 300 350 400 450
Axis Title
Temperature (°C)
Pamitherm
(6 mm thickness)
Temperature limit
never exceed
Maximum continuous 90 W
Stainless steel
(6 mm thickness)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com