Electronic Components Datasheet Search
  English  ▼

X  

HRHA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HRHA
Description  Charging Resistor for EV Hybrid Wirewound Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HRHA Datasheet(HTML) 3 Page - Vishay Siliconix

  HRHA Datasheet HTML 1Page - Vishay Siliconix HRHA Datasheet HTML 2Page - Vishay Siliconix HRHA Datasheet HTML 3Page - Vishay Siliconix HRHA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HRHA
www.vishay.com
Vishay MCB
Revision: 14-Dec-2021
3
Document Number: 32594
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Bottom Case Temperature With
Continuous Short Circuit Cycle 9000 J at Tamb = 30 °C
Fig. 4 - Bottom Case Temperature With
Continuous RC Discharge Cycle 1850 J at Tamb = 30 °C
ENERGY
Energy mode at 30 °C room temperature
Stainless steel (6 mm thickness)
Pamitherm (6 mm thickness)
Refer to Fig. 2 for bottom case temperature vs. pulse number
PULSE – DURATION – WAIT (1)
PULSE – DURATION – WAIT (1)
Continuous cycle - short circuit wave (refer to Fig. 3)
9000 J - 1.8 s - 100 s
9000 J – 1.8 s – 167 s
Continuous cycle - RC discharge wave (refer to Fig. 4)
1850 J - 0.74 s - 30 s
1850 J - 0.74 s - 34 s
10
100
1000
10000
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
40
45
Axis Title
Number of Pulses
Stainless steel
(6 mm thickness)
Pamitherm
(6 mm thickness)
Temperature limit never exceed
10
100
1000
10000
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
40
45
Axis Title
Number of Pulses
Stainless steel
(6 mm thickness)
Pamitherm
(6 mm thickness)
Temperature limit never exceed
ORDERING INFORMATION
HRHA
F
N
22U
5 %
BO12
MODEL
TERMINATION
COATING
RESISTANCE VALUE
TOLERANCE
PACKAGING
GLOBAL PART NUMBER INFORMATION
H
R
H
A
F
C
200
0J
B
12
3
4
5
6
7
1
2
345
6
7
PRODUCT
TYPE
TERMINATION
COATING
(if applicable)
RESISTANCE
VALUE
TOLERANCE
PACKAGING
INDUSTRIALIZATION
NUMBER
HRHA
F = faston
C = coated
N = not coated
The first three digits
are significant figures
and the last specifies
the number of zeros to
follow, R designates
decimal point.
4702 = 47 k
Ω
47R0 = 47
Ω
J = 5 %
K = 10 %
B = box
Box quantity
depends of
model and size
Specific digits for
custom design
(if applicable)
EXAMPLES
MODEL
DESCRIPTION
PART NUMBER
HRHA
HRHAFN22R0JB
HRHA F N 22U 5 % BO12
HRHA
HRHAFC22R0JB
HRHA F C 22U 5 % BO12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com