Electronic Components Datasheet Search
  English  ▼

X  

IDS112 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # IDS112
Description  10W, Step-Down, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS112 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  IDS112 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Test Configurations
Peak-to-Peak Output Noise Measurement Test
Use a Cout 4.7uF ceramic capacitor.
Scope measurement should be made by using a BNC
socket, measurement bandwidth is 0-20 MHz. Position the
load between 50 mm and 75 mm from the DC/DC Converter.
Design & Feature Considerations
Remote On/Off
Positive logic remote on/off turns the module on during a
logic high voltage on the remote on/off pin, and off during a
logic low.
Negative logic remote on/off turns the module off during a
logic low and on during a logic high.
To turn the power module on and off, the user must supply
a switch to control the voltage between the on/off terminal and
the -Vin terminal.
The switch can be an open collector or equivalent.
A logic low is -0.3V to 1.2V.
A logic high is 3.0V to 5.0V.
The maximum sink current at on/off terminal during a logic
low is -100 uA.
The maximum allowable leakage current of the switch at
on/off terminal (3.0 to 5.0V) is 50uA.
Overcurrent Protection
To provide protection in a fault (output overload) condition,
the unit is equipped with internal current limiting circuitry and
can endure current limiting for an unlimited duration. At the
point of current-limit inception, the unit shifts from voltage
control to current control. The unit operates normally once the
output current is brought back into its specified range.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as
practicable across the load will give the best ripple and noise
performance.
To reduce output ripple, it is recommended to use 22uF
capacitors at the output.
Input Source Impedance
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and
output loading is high, it may be necessary to use a capacitor
at the input to ensure startup.
Capacitor mounted close to the power module helps
ensure stability of the unit, it is recommended to use a good
quality low Equivalent Series Resistance (ESR < 1.0[ at 100
KHz) capacitor of a 100uF for the 5V input devices and a 33uF
for the 12V and 24V devices.
Output Voltage Trim
Connecting the external resistor (Radj) between the Vadj
and +Vout pins decreases the output voltage to set the point
as defined in the following equation:
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the ambient temperature must be kept below 70°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
IDS100 Series
REV:0 2005/04
MINMAX
5
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Fuse
On/Off
Vadj
Radj
IDS101 and IDS121 ==>Rx=2130[
Output Voltage range is 1.8-3.3VDC.
IDS112 and IDS122==>Rx=3840[
Output Voltage range is 3.0-5.0VDC.
VR1=
(Rx.1200) .(Vo-1.195)
(Rx.1.195) -[1200.(Vo-1.195)]
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com