Electronic Components Datasheet Search
  English  ▼

X  

IDS112 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # IDS112
Description  10W, Step-Down, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS112 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  IDS112 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS112 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Derating Curve
〜
]
Ambient Temperature
0
20
40
60
80
100
-25
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load
Efficiency vs Input Voltage
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
IDS100 Series
4
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com