Electronic Components Datasheet Search
  English  ▼

X  

L4947 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L4947
Description  VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L4947 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L4947 Datasheet HTML 1Page - List of Unclassifed Manufacturers L4947 Datasheet HTML 2Page - List of Unclassifed Manufacturers L4947 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
SGS
No longer manufactured, to purchase see - www.procontechnology.com.au Phone: (03) 98306288
L487
CONNECTION DIAGRAM (top view)
BLOCK DIAGRAM
Fig.1 - Dropout voltage vs.
Fig.2 - Quiescent current vs.
Fig.3 - Output voltage vs.
output current
output current
temperature
THERMAL DATA
R
th
j-case
Thermal resistance junction-case
max
4 °C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com