Electronic Components Datasheet Search
  English  ▼

X  

L4947 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L4947
Description  VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L4947 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L4947 Datasheet HTML 1Page - List of Unclassifed Manufacturers L4947 Datasheet HTML 2Page - List of Unclassifed Manufacturers L4947 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
SGS
No longer manufactured, to purchase see - www.procontechnology.com.au Phone: (03) 98306288
L487
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vi = 14.4V, T
amb = 25°C, unless
otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 5mA to 500mA
4.80
5.00
5.20
V
Vi
Operating Input Voltage
(*) See note
28
V
ΔVo
Line Regulation
Vi = 6V to 26V
Io = 5mA
5
50
mV
ΔVo
Load Regulation
Io = 5mA to 500mA
15
60
mV
Vi – Vo
Dropout Voltage
Io = 500mA
0.6
0.8
V
Iq
Quiescent Current
Io = 0mA
6
15
Io = 150mA
20
40
mA
Io = 500mA
130
210
Vi = 6.2 V
Io = 500mA
250
mA
ΔVo
ΔT
Temperature Output
Voltage Drift
–0.5
mV/ºC
SVR
Supply Voltage Rejection
Io = 350 mA
f = 120 Hz
55
dB
Co = 100µF
Vi = 12V ± 5Vpp
ISC
Output Short Circuit
Current
0.8
A
VR
Reset Output Voltage
IR = 1 6 mA
Vo
≤ 4.75V
0.8
V
IR
Reset Output Leakage
Vo in Regulation
50
µA
Current
td
Delay Time for Reset
Output
Cd = 100nF
30
ms
VRT(off)
Reset Threshold (delay
4.75
Vo–0.15
Vo–0.04
V
charging current on)
IC4
Charging Current
10
27
µA
(current generator)
VRT(on)
Reset Threshold (low)
VRT(off)
–10m V
V
V4
Comparator Threshold
3.6
3.95
V
(pin 4)
* For a DC input voltage 28 < Vi < 35V the device is not operating
For dimensional information on the Pentawatt package see the L387A data sheet. For more information
on this device see the SGS-Thomson Microelectronics Application Note: 'Low Drop Voltage Regulators
for Automotive Electronics' by S.Ciscato.
This device can be used as a replacement for L387A, L4947, LM2927T, L78MR05 or 4848 (in house
part number with 'SGS 88719' printed on it).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com