Electronic Components Datasheet Search
  English  ▼

X  

CC2640R2F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2F
Description  CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640R2F Datasheet(HTML) 2 Page - Texas Instruments

  CC2640R2F Datasheet HTML 1Page - Texas Instruments CC2640R2F Datasheet HTML 2Page - Texas Instruments CC2640R2F Datasheet HTML 3Page - Texas Instruments CC2640R2F Datasheet HTML 4Page - Texas Instruments CC2640R2F Datasheet HTML 5Page - Texas Instruments CC2640R2F Datasheet HTML 6Page - Texas Instruments CC2640R2F Datasheet HTML 7Page - Texas Instruments CC2640R2F Datasheet HTML 8Page - Texas Instruments CC2640R2F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2 Applications
• Automotive
– Car access and security systems
• Passive entry passive start (PEPS)
• Phone as a key (PaaK)
• Remote keyless entry (RKE)
– Advanced driver assistance systems (ADAS)
– Telematics control unit (TCU)
• Head unit
• Industrial
– Industrial transport - asset tracking
– Factory automation and control
3 Description
The SimpleLink™ CC2642R-Q1 device is an AEC-Q100 compliant wireless microcontroller (MCU) targeting
Bluetooth 5 Low Energy automotive applications. The device is optimized for low-power wireless communication
in applications such as car access including passive entry passive start (PEPS) and remote keyless entry (RKE),
car sharing, piloted parking, cable replacement, and smartphone connectivity. The highlighted features of this
device include:
• Support for Bluetooth ® 5.2 features: LE Coded PHYs (Long Range), LE 2-Mbit PHY (High Speed),
Advertising Extensions, Multiple Advertisement Sets, CSA#2, as well as backwards compatibility and support
for key features from the Bluetooth ® 5 and earlier Low Energy specifications.
• Fully-qualified Bluetooth ® 5.2 software protocol stack included with the SimpleLink™ CC13xx and CC26xx
Software Development Kit (SDK), which enables Angle of Arrival (AoA).
• Longer battery life wireless applications with low standby current of 0.94 µA with full RAM retention.
• AEC-Q100 qualified at the Grade 2 temperature range (–40 °C to +105 °C) and is offered in a 7-mm x 7-mm
VQFN package with wettable flanks.
• Dedicated software controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards, such as real-time localization (RTLS)
technologies.
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(-105 dBm for 125-kbps LE Coded PHY).
The CC2642R-Q1 device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth Low
Energy, Thread, Zigbee®, Sub-1 GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more information, visit SimpleLink™ MCU
platform.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC2642R1TWFRTCRQ1
VQFN (48)
7.00 mm × 7.00 mm
CC2642R1FTWRGZRQ1
VQFN (48)
7.00 mm × 7.00 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum or see the TI
website.
CC2642R-Q1
SWRS229B – JANUARY 2020 – REVISED JUNE 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2642R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com