Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 12Page - Texas Instruments OPA328 Datasheet HTML 13Page - Texas Instruments OPA328 Datasheet HTML 14Page - Texas Instruments OPA328 Datasheet HTML 15Page - Texas Instruments OPA328 Datasheet HTML 16Page - Texas Instruments OPA328 Datasheet HTML 17Page - Texas Instruments OPA328 Datasheet HTML 18Page - Texas Instruments OPA328 Datasheet HTML 19Page - Texas Instruments OPA328 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
+
+
±
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
±
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
1
R
3
R
L
R
5
R
6
R
2
Figure 8-2. Bidirectional Current-Sensing Schematic
8.2.1.1 Design Requirements
This solution has the following requirements:
• Supply voltage: 3.3 V
• Input: –1 A to +1 A
• Output: 1.65 V ±1.54 V (110 mV to 3.19 V)
8.2.1.2 Detailed Design Procedure
The load current, ILOAD, flows through the shunt resistor, RSHUNT, to develop the shunt voltage, VSHUNT. The
shunt voltage is then amplified by the difference amplifier consisting of U1A and R1 through R4. The gain of the
difference amplifier is set by the ratio of R4 to R3. To minimize errors, set R2 = R4 and R1 = R3. The reference
voltage, VREF, is supplied by buffering a resistor divider using U1B. The transfer function is given by Equation 1.
V
= V
Gain
+ V
OUT
SHUNT
Diff_Amp
REF
´
(1)
where
• V
= I
R
SHUNT
LOAD
´
SHUNT
•
Gain
=
Diff_Amp
R
R
4
3
•
V
= V
REF
CC
´
R
R
R
6
5
6
+
There are two types of errors in this design: offset and gain. Gain errors are introduced by the tolerance of the
shunt resistor and the ratios of R4 to R3 and, similarly, R2 to R1. Offset errors are introduced by the voltage
divider (R5 and R6) and how closely the ratio of R4 / R3 matches R2 / R1. The latter value affects the CMRR of
the difference amplifier, ultimately translating to an offset error.
The value of VSHUNT is the ground potential for the system load because VSHUNT is a low-side measurement.
Therefore, a maximum value must be placed on VSHUNT. In this design, the maximum value for VSHUNT is set
to 100 mV. Equation 2 calculates the maximum value of the shunt resistor given a maximum shunt voltage of
100 mV and maximum load current of 1 A.
R
=
SHUNT(Max)
=
= 100 mW
V
I
SHUNT(Max)
LOAD(Max)
100 mV
1 A
(2)
OPA2328
SBOS957A – FEBRUARY 2022 – REVISED JUNE 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com