Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 13Page - Texas Instruments OPA328 Datasheet HTML 14Page - Texas Instruments OPA328 Datasheet HTML 15Page - Texas Instruments OPA328 Datasheet HTML 16Page - Texas Instruments OPA328 Datasheet HTML 17Page - Texas Instruments OPA328 Datasheet HTML 18Page - Texas Instruments OPA328 Datasheet HTML 19Page - Texas Instruments OPA328 Datasheet HTML 20Page - Texas Instruments OPA328 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
The tolerance of RSHUNT is directly proportional to cost. For this design, a shunt resistor with a tolerance of 0.5%
is selected. If greater accuracy is required, select a 0.1% resistor or better.
The load current is bidirectional; therefore, the shunt voltage range is –100 mV to +100 mV. This voltage is
divided down by R1 and R2 before reaching the operational amplifier, U1A. Make sure that the voltage present
at the noninverting node of U1A is within the common-mode range of the device. Therefore, use an operational
amplifier, such as the OPAx328, that has a common-mode range that extends below the negative supply
voltage. Finally, to minimize offset error, the OPAx328 have a typical offset voltage of merely ±3 µV (±25 µV
maximum).
Given a symmetric load current of –1 A to +1 A, the voltage divider resistors (R5 and R6) must be equal. To
be consistent with the shunt resistor, a tolerance of 0.5% is selected. To minimize power consumption, 10
‑kΩ
resistors are used.
To set the gain of the difference amplifier, the common-mode range and output swing of the OPAx328 must
be considered. Equation 3 and Equation 4 depict the typical common-mode range and maximum output swing,
respectively, of the OPAx328 given a 3.3-V supply.
–100 mV < VCM < 3.4 V
(3)
100 mV < VOUT < 3.2 V
(4)
The gain of the difference amplifier can now be calculated as shown in Equation 5:
Gain
=
Diff_Amp
V
V
= 15.5
V
V
R
(I
I
)
OUT_Max
OUT_Min
SHUNT
MAX
MIN
-
-
´
3.2 V
100 mV
100 m
-
W ´
- -
[1 A
( 1A)]
=
(5)
The resistor value selected for R1 and R3 is 1 kΩ. A value of 15.4 kΩ is selected for R2 and R4 because this
number is the nearest standard value. Therefore, the ideal gain of the difference amplifier is 15.4 V/V.
The gain error of the circuit primarily depends on R1 through R4. As a result of this dependence, 0.1% resistors
are selected. This configuration reduces the likelihood that the design requires a two-point calibration. A simple
one-point calibration, if desired, removes the offset errors introduced by the 0.5% resistors.
8.2.1.3 Application Curve
1.65
-1.0
-0.5
0
0.5
1.0
0
3.30
Input Current (A)
Figure 8-3. Bidirectional Current-Sensing Circuit Performance: Output Voltage vs Input Current
8.2.2 Transimpedance Amplifier
Wide gain bandwidth, low input bias current, low input voltage, and low current noise make the OPAx328
excellent wideband photodiode transimpedance amplifiers. Low-voltage noise is important because photodiode
capacitance causes the effective noise gain of the circuit to increase at high frequency.
www.ti.com
OPA2328
SBOS957A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com