Electronic Components Datasheet Search
  English  ▼

X  

DM9101 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DM9101
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DM9101 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
20
Final
Version: DM9101-DS-F03
July 22, 1999
Register Description
Register Address
Register Name
Description
0
BMCR
Basic Mode Control Register
1
BMSR
Basic Mode Status Register
2
PHYIDR1
PHY Identifier Register #1
3
PHYIDR2
PHY Identifier Register #2
4
ANAR
Auto-Negotiation Advertisement Register
5
ANLPAR
Auto-Negotiation Link Partner Ability Register
6
ANER
Auto-Negotiation Expansion Register
16
DSCR
DAVICOM Specified Configuration Register
17
DSCSR
DAVICOM Specified Configuration/Status Register
18
10BTCSR
10Base-T Configuration/Status Register
Others
Reserved
Reserved For Future Use-Do Not Read/Write To These Registers
Key to Default
In the register description that follows, the default column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com