Electronic Components Datasheet Search
  English  ▼

X  

DM9101 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9101
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
7
Version: DM9101-DS-F03
July 22, 1999
Pin Description (continued)
Pin No.
Pin Name
I/O
Description
LQFP
QFP
LED Interface :
These outputs can directly drive LEDs or provide status information to a network management device.
48
50
FDXLED#
(POLLED)
O
Polarity/Full Duplex LED:
Indicates Full Duplex mode status for 100Mbps and 10Mbps
operation (Active low). If bit 4 of Register 16 (FDXLED_MODE) is
set, the FDXLED# pin function will change to indicate the Polarity
status for 10Mbps operation. If polarity is inverted, the POLLED
will go ON.
49
51
COLLED#
O
Collision LED:
Indicates the presence of collision activity for 10Mbps and
100Mbps operation. This LED has no meaning for 10Mbps or
100Mbps Full Duplex operation (Active low).
51
53
LINKLED#
(TRAFFIC
LED)
O
Link LED:
Indicates Good Link status for 10Mbps and 100Mbps operation
(Active low).
It functions as the TRAFFIC LED when bit 5 of register 16 is set
to 1. In TRAFFIC LED mode, it is always ON when the link is OK.
The TRAFFIC LED flashes when transmitting or receiving.
52
54
RXLED#
OD
Receive LED:
Indicates the presence of receive activity for 10Mbps and
100Mbps operation (Active low).
The DM9101 incorporates a "monostable" function on the RXLED
output. This ensures that even minimal receive activity will
generate an adequate LED ON time.
53
55
TXLED#
OD
Transmit LED:
Indicates the presence of transmit activity for 10Mbps and
100Mbps operation (Active low).
The DM9101 incorporates a "monostable" function on the TXLED
output. This ensures that even minimal transmit activity will
generate an adequate LED ON time.
Device Configuration/Control/Status Interface
40
42
UTP
O
UTP Cable Indication:
UTP=1: Indicates UTP cable is used.
41
43
SPEED10
O
Speed 10Mbps:
When set high, this bit indicates a 10Mbps operation, when set
low 100Mbps operation. This pin can drive a low current LED to
indicate that 100Mbps operation is selected.
42
44
RX_LOCK
O
Lock for Clock/Data Recovery PLL:
When this pin is high it indicates that the receiver recovery PLL
logic has locked to the input data stream.
45
47
LINKSTS
O
Link Status Register Bit:
This pin reflects the status of bit 2 register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com