Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RA2E2
Description  Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 35Page - Renesas Technology Corp RA2E2 Datasheet HTML 36Page - Renesas Technology Corp RA2E2 Datasheet HTML 37Page - Renesas Technology Corp RA2E2 Datasheet HTML 38Page - Renesas Technology Corp RA2E2 Datasheet HTML 39Page - Renesas Technology Corp RA2E2 Datasheet HTML 40Page - Renesas Technology Corp RA2E2 Datasheet HTML 41Page - Renesas Technology Corp RA2E2 Datasheet HTML 42Page - Renesas Technology Corp RA2E2 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
2.3.9
SPI Timing
Table 2.32
SPI timing (1 of 3)
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
SPI RSPCK
clock cycle
Master
2.7 V ≤ VCC ≤ 5.5 V
tSPcyc
62.5
—
ns
Figure 2.26
C = 30 pF
2.4 V ≤ VCC < 2.7 V
125
—
1.8 V ≤ VCC < 2.4 V
250
—
1.6 V ≤ VCC < 1.8 V
500
—
Slave
2.7 V ≤ VCC ≤ 5.5 V
187.5
—
2.4 V ≤ VCC < 2.7 V
375
—
1.8 V ≤ VCC < 2.4 V
750
—
1.6 V ≤ VCC < 1.8 V
1500
—
RSPCK
clock high
pulse width
Master
tSPCKWH (tSPcyc -
tSPCKr -
tSPCKf) / 2 -
3
—
ns
Slave
3 × tPcyc
—
RSPCK
clock low
pulse width
Master
tSPCKWL
(tSPcyc -
tSPCKr -
tSPCKf) / 2 -
3
—
ns
Slave
3 × tPcyc
—
RSPCK
clock rise
and fall time
Output
2.7 V ≤ VCC ≤ 5.5 V
tSPCKr,
tSPCKf
—
10
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC ≤ 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0110 Rev.1.10
Mar 31, 2022
Page 39 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com