Electronic Components Datasheet Search
  English  ▼

X  

RA2E2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA2E2
Description  Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA2E2 Datasheet HTML 17Page - Renesas Technology Corp RA2E2 Datasheet HTML 18Page - Renesas Technology Corp RA2E2 Datasheet HTML 19Page - Renesas Technology Corp RA2E2 Datasheet HTML 20Page - Renesas Technology Corp RA2E2 Datasheet HTML 21Page - Renesas Technology Corp RA2E2 Datasheet HTML 22Page - Renesas Technology Corp RA2E2 Datasheet HTML 23Page - Renesas Technology Corp RA2E2 Datasheet HTML 24Page - Renesas Technology Corp RA2E2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Table 2.11
Operating and standby current (2)
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Typ*3
Max
Unit
Test
conditions
Supply
current*1
Software
Standby
mode*2
Peripheral
modules
stop
All SRAMs
(0x2000_4000
to
0x2000_5FFF)
are on
Ta = 25°C
ICC
0.2
1.3
µA
—
Ta = 55°C
0.4
3.7
Ta = 85°C
1.35
12
Ta = 105°C
3.05
42
Ta = 125°C
6.00
85
Only 4 KB
SRAM
(0x2000_4000
to
0x2000_4FFF)
is on
Ta = 25°C
0.2
1.3
Ta = 55°C
0.4
3.7
Ta = 85°C
1.30
12
Ta = 105°C
2.85
42
Ta = 125°C
5.85
85
Note 1. Supply current is the total current flowing into VCC. Supply current values apply when internal pull-up MOSs are in the off state and
these values do not include output charge/discharge current from any of the pins.
Note 2. The IWDT and LVD are not operating.
Note 3. VCC = 3.3 V.
Table 2.12
Operating and standby current (3)
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Analog power
supply current
During 12-bit A/D conversion (at high-speed
A/D conversion mode)
IVCCAD
—
—
1.44
mA
—
During 12-bit A/D conversion (at low-power
A/D conversion mode)
—
—
0.78
mA
—
Waiting for 12-bit A/D conversion (all units)*1
—
—
1.0
µA
—
Reference
power supply
current
During 12-bit A/D conversion
IREFH0
—
—
120
µA
—
Waiting for 12-bit A/D conversion
—
—
60
µA
Ta = 105°C
—
—
120
Ta = 125°C
Temperature Sensor (TSN) operating current
ITNS
—
95
—
µA
—
Note 1. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (ADC120 module-stop bit) is in the module-stop state.
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.13
Rise and fall gradient characteristics
Conditions: VCC = 0 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Power-on VCC
rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.02
—
2
ms/V
—
Voltage monitor 0 reset enabled at startup*1 *2
—
SCI boot mode*2
2
Note 1. When OFS1.LVDAS = 0.
Note 2. At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of OFS1.LVDAS bit.
RA2E2 Datasheet
2. Electrical Characteristics
R01DS0387EJ0110 Rev.1.10
Mar 31, 2022
Page 21 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com