Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 28Page - Texas Instruments TMUX7219 Datasheet HTML 29Page - Texas Instruments TMUX7219 Datasheet HTML 30Page - Texas Instruments TMUX7219 Datasheet HTML 31Page - Texas Instruments TMUX7219 Datasheet HTML 32Page - Texas Instruments TMUX7219 Datasheet HTML 33Page - Texas Instruments TMUX7219 Datasheet HTML 34Page - Texas Instruments TMUX7219 Datasheet HTML 35Page - Texas Instruments TMUX7219 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
MSP430
THS3091
+15
-15
TMUX7219
+15V
-15V
THS3091
+15
-15
+15V
-15V
TMUX7219
TMUX7219
TMUX7219
Figure 9-3. Ultrasonic Sensing Gas Meter System
9.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 9-2.
Table 9-2. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
15 V
Supply (VSS)
−15 V
MUX I/O signal range
−15 V to 15 V (Rail-to-Rail)
Control logic thresholds
1.8 V compatiable (up to VDD)
EN
EN pulled high to enable the switch
Zero-flow drift (ZFD)
±250 ps (typical)
Single-shot standard deviation (STD)
<500 ps
9.2.2.2 Detailed Design Procedure
The TMUX7219 can operate without any external components except for the supply decoupling capacitors. All
inputs passing through the switch must fall within the recommended operating conditions of the TMUX7219,
including signal range and continuous current. For this design with a positive supply of 15 V on VDD and negative
supply of −15 V on VSS, the signal range can be −15 V to +15 V and the maximum continuous current can be up
to 440 mA, as shown in the Recommended Operating Conditions, for a wide-range current measurement. The
TMUX7219 device is a bidirectional, single-pole double-throw (SPDT) switch that offers low on-resistance, low
leakage, and low power. These features make this device suitable for portable and power sensitive applications
such as ultrasonic gas metering systems. For a more detailed analysis of the ultrasonic flow transmitter system,
refer to the reference design.
TMUX7219
SCDS407E – NOVEMBER 2020 – REVISED AUGUST 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com