Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................4
6.4 Recommended Operating Conditions.........................5
6.5 Source or Drain Continuous Current...........................5
6.6 ±15 V Dual Supply: Electrical Characteristics ............6
6.7 ±15 V Dual Supply: Switching Characteristics ........... 7
6.8 ±20 V Dual Supply: Electrical Characteristics.............8
6.9 ±20 V Dual Supply: Switching Characteristics............ 9
6.10 44 V Single Supply: Electrical Characteristics ....... 10
6.11 44 V Single Supply: Switching Characteristics ....... 11
6.12 12 V Single Supply: Electrical Characteristics ....... 12
6.13 12 V Single Supply: Switching Characteristics ...... 13
6.14 Typical Characteristics............................................ 14
7 Parameter Measurement Information.......................... 20
7.1 On-Resistance.......................................................... 20
7.2 Off-Leakage Current................................................. 20
7.3 On-Leakage Current................................................. 21
7.4 Transition Time......................................................... 21
7.5 tON(EN) and tOFF(EN) .................................................. 22
7.6 Break-Before-Make...................................................22
7.7 tON (VDD) Time............................................................23
7.8 Propagation Delay.................................................... 23
7.9 Charge Injection........................................................24
7.10 Off Isolation.............................................................24
7.11 Crosstalk................................................................. 25
7.12 Bandwidth............................................................... 25
7.13 THD + Noise........................................................... 26
7.14 Power Supply Rejection Ratio (PSRR)................... 26
8 Detailed Description......................................................27
8.1 Overview................................................................... 27
8.2 Functional Block Diagram......................................... 27
8.3 Feature Description...................................................27
8.4 Device Functional Modes..........................................29
8.5 Truth Tables.............................................................. 29
9 Application and Implementation.................................. 30
9.1 Application Information............................................. 30
9.2 Typical Applications.................................................. 30
10 Power Supply Recommendations..............................33
11 Layout........................................................................... 34
11.1 Layout Guidelines................................................... 34
11.2 Layout Example...................................................... 35
12 Device and Documentation Support..........................36
12.1 Documentation Support.......................................... 36
12.2 Receiving Notification of Documentation Updates..36
12.3 Support Resources................................................. 36
12.4 Trademarks.............................................................36
12.5 Electrostatic Discharge Caution..............................36
12.6 Glossary..................................................................36
13 Mechanical, Packaging, and Orderable
Information.................................................................... 36
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2022) to Revision E (August 2022)
Page
• Changed the status of the QFN package from: preview to: active .................................................................... 1
Changes from Revision C (December 2020) to Revision D (March 2022)
Page
• Added WSON package details to the Pin Configuration and Functions section.................................................3
• Changed the Absolute Maximum Ratings table note 1.......................................................................................4
• Changed the CDM reference from JESD22-C101 to JEDEC JS-002 in the ESD Ratings section.....................4
Changes from Revision B (December 2020) to Revision C (December 2020)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
• Added the Integrated Pull-Down Resistor on Logic Pins section......................................................................27
TMUX7219
SCDS407E – NOVEMBER 2020 – REVISED AUGUST 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com