Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 17Page - Texas Instruments TPA2012D2 Datasheet HTML 18Page - Texas Instruments TPA2012D2 Datasheet HTML 19Page - Texas Instruments TPA2012D2 Datasheet HTML 20Page - Texas Instruments TPA2012D2 Datasheet HTML 21Page - Texas Instruments TPA2012D2 Datasheet HTML 22Page - Texas Instruments TPA2012D2 Datasheet HTML 23Page - Texas Instruments TPA2012D2 Datasheet HTML 24Page - Texas Instruments TPA2012D2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Equation 3 shows the relationship between the boost capacitance, C, to load current, load voltage, ripple
voltage, input voltage, and switching frequency (IPVDD, PVDD, ΔV, VBAT, and fBOOST respectively).
Insert the maximum allowed ripple voltage into Equation 3 and solve for C. The 1.5 multiplier accounts for
capacitance loss due to applied dc voltage and temperature for X5R and X7R ceramic capacitors.
PVDD
BOOST
I
(PVDD
VBAT)
C = 1.5
V
PVDD
´
-
´
D
´ ¦
´
(3)
10.2.1.2.3 Components Location and Selection
10.2.1.2.3.1 Decoupling Capacitors
The TPA2015D1 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling.
Adequate power supply decoupling to ensures that the efficiency is high and total harmonic distortion (THD) is
low.
Place a low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1 μF, within 2 mm of the VBAT ball.
This choice of capacitor and placement helps with higher frequency transients, spikes, or digital hash on the line.
Additionally, placing this decoupling capacitor close to the TPA2015D1 is important, as any parasitic resistance
or inductance between the device and the capacitor causes efficiency loss. In addition to the 0.1 µF ceramic
capacitor, place a 2.2 μF to 10 μF capacitor on the VBAT supply trace. This larger capacitor acts as a charge
reservoir, providing energy faster than the board supply, thus helping to prevent any droop in the supply voltage.
10.2.1.2.3.2 Input Capacitors
Input audio DC decoupling capacitors are recommended. The input audio DC decoupling capacitors prevents
the AGC from changing the gain due to audio DAC output offset. The input capacitors and TPA2015D1 input
impedance form a high-pass filter with the corner frequency, fC, determined in Equation 4.
Any mismatch in capacitance between the two inputs will cause a mismatch in the corner frequencies. Severe
mismatch may also cause turn-on pop noise. Choose capacitors with a tolerance of ±10% or better.
(
)
x
x
c
I
I
1
f
=
2
R C
p
(4)
10.2.1.3 Application Curves
For application curves, see the figures listed in Table 10-3.
Table 10-3. Table of Graphs
DESCRIPTION
FIGURE NUMBER
Supply Current vs Output Power
Figure 7-3
Peak Output Voltage vs Peak Input Voltage
Figure 7-4
Total Efficiency vs Output Power
Figure 7-5
Output Power vs Supply Voltage
Figure 7-9
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPA2015D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com