Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 19Page - Texas Instruments TPA2012D2 Datasheet HTML 20Page - Texas Instruments TPA2012D2 Datasheet HTML 21Page - Texas Instruments TPA2012D2 Datasheet HTML 22Page - Texas Instruments TPA2012D2 Datasheet HTML 23Page - Texas Instruments TPA2012D2 Datasheet HTML 24Page - Texas Instruments TPA2012D2 Datasheet HTML 25Page - Texas Instruments TPA2012D2 Datasheet HTML 26Page - Texas Instruments TPA2012D2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
11 Power Supply Recommendations
The TPA2015D1 is designed to operate from an input voltage supply range between 2.5-V and 5.2-V. Therefore
the output voltage range of the power supply should be within this range. The current capability of upper power
should not exceed the maximum current limit of the power switch.
11.1 Power Supply Decoupling Capacitors
The TPA2015D1 requires adequate power supply decoupling to ensure a high efficiency operation with low total
harmonic distortion (THD). Place a low equivalent-series-resistance (ESR) ceramic capacitor, typically 0.1 µF,
within 2 mm of the PVDD/PVOUT pin. This choice of capacitor and placement helps with higher frequency
transients, spikes, or digital hash on the line. In addition to the 0.1 μF ceramic capacitor, is recommended to
place a 2.2 µF to 10 µF capacitor on the VDD supply trace. This larger capacitor acts as a charge reservoir,
providing energy faster than the board supply, thus helping to prevent any droop in the supply voltage.
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPA2015D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com