Electronic Components Datasheet Search
  English  ▼

X  

TI60 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TI60
Description  DSTi60-v2.0
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TI60 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TI60 Datasheet HTML 17Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 18Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 19Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 20Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 21Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 22Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 23Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 24Page - List of Unclassifed Manufacturers TI60 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Ti60 Data Sheet
The HSIO supports the following I/O standards.
Table 6: HSIO Supported I/O Standards
VCCIO (V)
Standard
TX
RX
VCCAUX (V)
VREF (V)
When
Configured As
LVCMOS 1.8 V
1.8
1.8
1.8
–
GPIO
LVCMOS 1.5 V
1.5
1.5
1.8
–
GPIO
LVCMOS 1.2 V
1.2
1.2
1.8
–
GPIO
HSTL/Differential HSTL 1.8 V
SSTL/Differential SSTL 1.8 V
1.8
1.8
1.8
0.9
GPIO
HSTL/Differential HSTL 1.5 V
SSTL/Differential SSTL 1.5 V
1.5
1.5, 1.8(3)
1.8
0.75
GPIO
HSTL/Differential HSTL 1.2 V
SSTL/Differential SSTL 1.2 V
1.2
1.2, 1.5, 1.8(3)
1.8
0.6
GPIO
LVDS/RSDS/mini-LVDS
1.8
1.5, 1.8(3)
1.8
–
LVDS
Sub-LVDS
1.8
1.5, 1.8(3)
1.8
–
LVDS
MIPI Lane I/O /SLVS
1.2
1.2
1.8
–
MIPI Lane
The differential receivers are powered by VCCAUX, which gives you the flexibility to
choose the VCCIO you want to use.
Features for HVIO and HSIO Configured as GPIO
The following table describes the features supported by HVIO and HSIO configured as
GPIO.
Table 7: Features for HVIO and HSIO Configured as GPIO
Feature
HVIO
HSIO
Configured
as GPIO
Double-data I/O (DDIO)
Dynamic pull-up
–
Pull-up/Pull-down
Slew-Rate Control
–
Variable Drive Strength
Schmitt Trigger
1:4 Serializer/Deserializer (Full rate mode only)
–
Programmable Bus Hold
–
Static Programmable Delay Chains
Dynamic Programmable Delay Chains
–
(3) To prevent pin leakage, you must ensure that the voltage at the pin does not exceed VCCIO.
www.efinixinc.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com