Electronic Components Datasheet Search
  English  ▼

X  

5015 Datasheet(PDF) 2 Page - Analog Devices

Part # 5015
Description  Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5015 Datasheet(HTML) 2 Page - Analog Devices

  5015 Datasheet HTML 1Page - Analog Devices 5015 Datasheet HTML 2Page - Analog Devices 5015 Datasheet HTML 3Page - Analog Devices 5015 Datasheet HTML 4Page - Analog Devices 5015 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
User Guide
EVAL-ADL8142
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 5
Features................................................................ 1
Evaluation Kit Contents......................................... 1
Equipment Needed................................................1
General Description...............................................1
Evaluation Board Photographs..............................1
Operating the ADL8142-EVALZ............................ 3
Recommended Bias Sequencing.......................3
Evaluation Board Schematic and Artwork............. 4
Ordering Information..............................................5
Bill of Materials................................................... 5
REVISION HISTORY
4/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com