Electronic Components Datasheet Search
  English  ▼

X  

5015 Datasheet(PDF) 3 Page - Analog Devices

Part # 5015
Description  Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5015 Datasheet(HTML) 3 Page - Analog Devices

  5015 Datasheet HTML 1Page - Analog Devices 5015 Datasheet HTML 2Page - Analog Devices 5015 Datasheet HTML 3Page - Analog Devices 5015 Datasheet HTML 4Page - Analog Devices 5015 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
User Guide
EVAL-ADL8142
OPERATING THE ADL8142-EVALZ
analog.com
Rev. 0 | 3 of 5
A 2 V, 100 mA power supply is required to provide the bias to the
ADL8142 when using the ADL8142-EVALZ. Connect the 2 V power
supply to the SMT test point, VDD. Connect the ground reference to
the GND test point. Apply the RF power after VDD has been turned
on and remove the RF power before VDD is turned off.
Refer to the ADL8142 data sheet for the recommended resistor
values to achieve different supply currents. The following bias
conditions are recommended to achieve optimal performance: VDD
= 2 V and quiescent current (IDQ) = 25 mA. IDQ is typically achieved
using a 634 Ω value for the bias resistance (RBIAS).
Figure 3. Insertion Loss and Return Loss of the Through Calibration Path,
23 GHz to 31 GHz
Table 1. Insertion Loss and Return Loss of the Through Calibration Path
Frequency (GHz)
Insertion Loss
(dB)
Input Return
Loss (dB)
Output Return
Loss (dB)
23
−0.908
−24.304
−35.554
23.5
−0.959
−19.365
−21.21
24
−1.111
−14.038
−14.799
24.5
−1.299
−11.303
−11.85
25
−1.461
−9.793
−10.294
25.5
−1.537
−9.301
−9.71
26
−1.519
−9.532
−9.931
26.5
−1.438
−10.699
−11.062
27
−1.293
−12.907
−13.664
27.5
−1.177
−17.255
−19.039
28
−1.137
−21.744
−35.417
28.5
-1.235
−16.089
−17.334
29
−1.453
−11.593
−12.081
29.5
−1.705
−9.217
−9.417
30
−1.92
−7.958
−8.139
30.5
−1.993
−7.623
−7.823
31
−1.941
−8.134
−8.333
RECOMMENDED BIAS SEQUENCING
During Power-Up
To power up the ADL8142-EVALZ, take the following bias sequenc-
ing steps:
1. Connect the VDD power supply.
2. Set the VDD supply to 2 V.
3. Apply the RF input signal.
During Power-Down
To power down the ADL8142-EVALZ, take the following bias se-
quencing steps:
1. Turn off the RF input signal.
2. Set the VDD supply to 0 V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com