Electronic Components Datasheet Search
  English  ▼

X  

LTC4215CUFD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 2Page - Linear Technology LTC4215CUFD Datasheet HTML 3Page - Linear Technology LTC4215CUFD Datasheet HTML 4Page - Linear Technology LTC4215CUFD Datasheet HTML 5Page - Linear Technology LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology LTC4215CUFD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4215/LTC4215-2
6
4215fe
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
1.230
1.234
1.240
0
50
4215 G04
1.232
1.238
1.236
25
75
100
TEMPERATURE (°C)
–50
–25
70
75
80
85
90
0
50
4215 G05
25
75
100
TEMPERATURE (°C)
–50
–25
90
110
0
50
4215 G06
95
105
100
25
75
100
VFB (V)
0
20
25
30
1.2
1.4
4215 G07
15
10
0
0.2
0.4
0.6
0.8
1.0
5
TEMPERATURE (°C)
–50
–25
22
24
27
0
50
75
4215 G08
23
26
25
25
100
VDD = 5V, 12V
VDD = 3.3V
Current Limit vs VFB
VTH Circuit Breaker vs Temperature
VTH(UV) vs Temperature
VHYST(UV) vs Temperature
ITIMER vs Temperature
TA = 25°C, VDD = 12V unless otherwise noted
V(SENSE+) – V(SENSE–) (mV)
0
25
50
75
100
125
150
1
100
4215 G17
10
0.1
TPHL(GATE) vs Sense Voltage
VDD (V)
0
0
2
4
5
4215 G01
1
3
10
25
15
20
INTVCC (V)
2.5
2.5
3.0
4.0
4215 G02
3.0
3.5
4.0
3.5
ILOAD (mA)
0
0
2
4
4215 G03
1
3
4
10
2
68
VDD = 12V, 5V
VDD = 3.3V
IDD vs VDD
INTVCC vs VDD
INTVCC vs ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com