Electronic Components Datasheet Search
  English  ▼

X  

CD-DF406SL Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD-DF406SL
Description  CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF406SL Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD-DF406SL Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 4Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
Packaging Information
The surface mount product is packaged in a 16 mm x 12 mm tape and reel format per EIA-481 standard.
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
DIMENSIONS:
MM
(INCHES)
Item
Symbol
CD-DF4xxS(L)
Carrier Width
A
8.63 ± 0.38
(0.34 ± 0.01)
Carrier Length
B
11.03 ± 0.38
(0.43 ± 0.01)
Carrier Depth
C
1.93 ± 0.38
(0.08 ± 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
7.50 ± 0.10
(0.295 ± 0.004)
Punch Hole Pitch
P
12.00 ± 0.10
(0.472 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.40
(0.016)
MAX.
Tape Width
W
16.00 ± 0.30
(0.630 ± 0.012)
Reel Width
W1
22.7
(0.893)
MAX.
Quantity per Reel
--
3,000
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific
legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
REV. 08/19
Asia-Pacific: Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com