Electronic Components Datasheet Search
  English  ▼

X  

CD-DF406SL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD-DF406SL
Description  CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF406SL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD-DF406SL Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 4Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
Features
■
RoHS compliant*
■
Low power loss and high efficiency
■
High current capability
■
Low profile package
Applications
■
AC operated products
■
Computer monitors
■
Set-top boxes
■
Cable modems
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Information
The markets of portable communications, computing and video
equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Bridge Rectifier Diodes for rectification applications in
compact chip package 0.41 ˝ x 0.32 ˝ size format, which offers PCB real
estate savings and are considerably smaller than standard parts. The
Bridge Rectifier Diodes offer a forward current of 4 A with a choice of
repetitive peak reverse voltages between 600 V and 1000 V.
4
–
1
+
3
~
2
~
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
DF406S
DF408S
DF410S
DF406SL
DF408SL
DF410SL
Maximum Repetitive
Peak Reverse Voltage
VRRM
600
800
1000
600
800
1000
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
4.0
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
150.0
A
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-DF4xxS(L)
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 2 A
CD-DF4xxS
0.92
0.95
V
CD-DF4xxSL
0.86
0.90
Repetitive Peak Reverse Current
IRRM
VR = VRRM TA = +25 °C
0.08
5.0
μA
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz
CD-DF4xxS
45
pF
CD-DF4xxSL
45
Thermal Resistance, Junction to Air (1)
RΘJA
CD-DF4xxS
35
°C / W
CD-DF4xxSL
35
Thermal Resistance, Junction to Lead (1)
RΘJL
CD-DF4xxS
15
°C / W
CD-DF4xxSL
15
NOTE 1: Thermal resistance, junction to ambient, measured on PC board with 50 mm2 (0.03 mm thick) land areas.
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - CD-DF406SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD-DF406SL BOURNS-CD-DF406SL Datasheet
279Kb / 4P
Surface Mount Bridge Rectifier Diode
More results

Similar Description - CD-DF406SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
Surface Mount Schottky Bridge Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
Surface Mount Bridge Rectifier Diode
CD-HD2XL BOURNS-CD-HD2XL Datasheet
175Kb / 6P
CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
CD-MBL2XXSL BOURNS-CD-MBL2XXSL Datasheet
213Kb / 5P
CD-MBL2xxS(L) Series Surface Mount Bridge Rectifier Diode
REV. 08/19
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com