Electronic Components Datasheet Search
  English  ▼

X  

HS3003-MC1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS3003-MC1 Datasheet HTML 1Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 2Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 3Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 4Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 5Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
HS300x-MC1
High Performance Relative Humidity and Temperature Sensor Module
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 1
© 2021-2022 Renesas Electronics
The HS300x-MC1 series module enables quick
application integration with a standard 4-pin
connector and fully calibrated relative humidity and
temperature sensor (HS3001, HS3002, HS3003, or
HS3004).
Integrated calibration and temperature-compensation
logic provides fully corrected RH and temperature
values via a standard I2C output. No user calibration
of the output data is required.
The HS300x-MC1 is fully coated with HumiSeal for
corrosion resistance.
Applications
■ Climate control systems
■ Home appliances
■ Weather stations
■ Industrial automation
■ Medical equipment
Physical Characteristics
Supply voltage: 2.3V to 5.5V
■ Extended supply voltage: 1.8V (-20°C to +125°C)
■ Operating temperature (HS300x sensor):
-40°C to +125°C
■ Operating temperature (Module connector):
-20°C to +85°C
■ 16.0 × 24.0 × 6.5 mm module
Features
■ Humidity range: 0% to 100%RH
■ HumiSeal coating
■ Humidity accuracy: ±1.5%RH, typical (HS3001-
MC1, 10 to 90%RH, 25°C)
■ 14-bit resolution: 0.01%RH, typical
■ Independent programmable resolution settings: 8,
10, 12, 14 bits
■ Fast RH response time: 1 second time constant,
typical (with 1 m/sec air flow), 4 seconds time
constant, typical (in still air)
■ Temperature sensor accuracy: ±0.2°C, typical
(HS3001, HS3002, -10 to +80°C)
■ Low current consumption: 1.0µA average (8-bit
resolution, 1.8V supply), 24.4µA average (14-bit
resolution, 3.3V supply), one RH and temperature
measurement per second
■ Excellent stability against aging
■ Highly robust protection from harsh environmental
conditions and mechanical shock
■ Very low power consumption
Product Image


Similar Part No. - HS3003-MC1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3003-MC1 RENESAS-HS3003-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
More results

Similar Description - HS3003-MC1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101ML1 RENESAS-HS3101ML1 Datasheet
693Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3001-ML1 RENESAS-HS3001-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS300X-MC1 RENESAS-HS300X-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS300X-ML1 RENESAS-HS300X-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com