Electronic Components Datasheet Search
  English  ▼

X  

HS3003-MC1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HS3003-MC1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 15Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 16Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 17Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
HS300x-MC1 Datasheet
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 14
5.7
Status Bits
The status bits are used to indicate the current state of the fetched data. The two MSBs of the humidity data byte
are the status bits (see the following table).
Table 6. Status Bits
Status Bits
Definition
00B
Valid Data: Data that has not been fetched since the last measurement cycle.
01B
Stale Data: Data that has already been fetched since the last measurement cycle.
Note: If a data fetch is performed before or during the first measurement after power-on reset, then the
stale status will be returned, but this data is actually invalid since the first measurement has not been
completed.
5.8
Accessing the Non-volatile Memory
The HS300x-MC1 series non-volatile memory stores its measurement resolution setting and its ID number. To
change the sensor resolution or read the ID number, the master must place the HS300x-MC1 into programming
mode while the device is powering up. The following figure shows the sequence of commands needed to enter
the programming mode, which must be sent within 10ms after applying power to the sensor. The master must
send the I2C address and a Write bit followed by the command 0xA0|0x00|0x00.
Figure 17. Sequence of Commands to Enter Programming Mode
This command takes 120
µs to process, after which the master has access to the non-volatile memory registers
listed in the following table. All of these registers are 16 bits wide.
To return to normal sensor operation and perform measurements, the master must send the I2C address and a
Write bit, followed by the command: 0x80|0x00|0x00.
Table 7. Non-volatile Memory Registers
Address
Register Description
0x06
Humidity Sensor Resolution – Read Register (bits [11:10])
0x46
Humidity Sensor Resolution – Write Register (bits [11:10])
0x11
Temperature Sensor Resolution – Read Register (bits [11:10])
0x51
Temperature Sensor Resolution – Write Register (bits [11:10])
0x1E
Read Sensor ID – Upper 2 bytes
0x1F
Read Sensor ID – Lower 2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com