Electronic Components Datasheet Search
  English  ▼

X  

HS3003-ML1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HS3003-ML1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 15Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 16Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 17Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 14
5.9
Setting the Measurement Resolution
The HS300x-ML1 series relative humidity and temperature measurement resolutions can be set independently
to 8, 10, 12, or 14-bits by writing to the non-volatile memory, and are initially set to 14 bits by default. The
procedure to set the humidity sensor resolution is illustrated in the following figure. The relative humidity and
temperature resolution can be read in registers 0x06 and 0x11, respectively, or written in registers 0x46 or
0x51. The resolution information is stored in bits [11:10] of these registers, as listed in Table 8. All of the other
bits in these registers must be left unchanged. As such, before writing new resolution settings, the contents of
the read registers must be read, and only bits [11:10] can be changed in the write registers. Once bits [11:10] are
changed to set the desired resolution, the entire register must be written back to the HS300x-ML1 sensor.
Figure 18. Sequence of Commands to Change the Relative Humidity Resolution
Table 8. Register Values for Different Resolution Settings
Resolution Register
Bits [11:10]
Resolution
(Bits)
00B
8
01B
10
10B
12
11B
14
The sensor non-volatile memory requires 120µs to load the data into the registers after step 1, and requires
14ms to write the data after step 4. Failure to comply with these processing times may result in data corruption
and introduce errors in sensor measurements. The procedure to change the temperature sensor resolution is the
same as that displayed in Figure 19, except the register address in Step 1 must be set to 0x11 and the register
address in Step 4 will be 0x51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com