Electronic Components Datasheet Search
  English  ▼

X  

HS3003-ML1 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HS3003-ML1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 15Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 16Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 17Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 15
5.10
Reading the HS300x-ML1 ID Number
The sensor ID is a 32-bit number and can be read in a similar fashion as illustrated in steps 1 and 2 of Figure 19,
using the appropriate register address values. The ID number is stored in two registers, with the upper and lower
16 bits stored in register addresses 0x1E and 0x1F, respectively.
6.
Calculating Humidity and Temperature Output
The entire output of the HS300x-ML1 is 4 bytes. The relative humidity (in percent) and the temperature (in
degrees Celsius) are calculated with Equation 1 and Equation 2, respectively.
14
[13 0]
[%RH]
100
21
Humidity
:
Humidity
=
∗
−
Equation 1
o
14
[15 2]
[ C]
165 40
21
Temperature
:
Temperature
=
∗−
−
Equation 2
7.
Application Circuit
Figure 19. HS300x-ML1 Application Circuit
8.
Storage and Handling
Recommendation: Once the sensors are removed from their original packaging, store them in metal-in antistatic
bags.
Avoid using polyethylene antistatic bags as they may affect sensor accuracy.
The nominal storage conditions are 10 to 50°C and humidity levels within 20% to 60%RH. If stored outside of
these conditions for extended periods of time, the sensor readings may exhibit an offset. The sensor can be
reconditioned and brought back to its calibration state by applying the following procedure:
1.
Bake at a temperature of 100°C with a humidity < 10%RH for 10 to 12 hours.
2.
Rehydrate the sensor at a humidity of 75%RH and a temperature between 20 to 30°C for 12 to 14 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com