Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor with Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HS3103 Datasheet HTML 14Page - Renesas Technology Corp HS3103 Datasheet HTML 15Page - Renesas Technology Corp HS3103 Datasheet HTML 16Page - Renesas Technology Corp HS3103 Datasheet HTML 17Page - Renesas Technology Corp HS3103 Datasheet HTML 18Page - Renesas Technology Corp HS3103 Datasheet HTML 19Page - Renesas Technology Corp HS3103 Datasheet HTML 20Page - Renesas Technology Corp HS3103 Datasheet HTML 21Page - Renesas Technology Corp HS3103 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
HS400x Datasheet
R36DS0022EU0103 Rev.1.03
Jun 6, 2022
Page 18
4.8
Configuration Bits
4.8.1.
Setting the Measurement Resolution
The chip can be configured to perform measurements at different humidity and temperature resolutions by using
the Read and Write Register commands with the appropriate register address. There are four separate
resolution settings for the temperature and humidity measurements, as summarized in Table 9.
Table 9. Temperature and Humidity Measurement Resolution Settings
Setting
Register Address (HEX)
Bits
Description
Resolution for temperature
measurement
0x00
<1:0>
0b00 for 8 bits
0b01 for 10 bits
0b10 for 12 bits
0b11 for 14 bits
Resolution for humidity
measurement
0x00
<3:2>
0b00 for 8 bits
0b01 for 10 bits
0b10 for 12 bits
0b11 for 14 bits
4.8.2.
Periodic Measurement Settings
The registers that are used to activate and configure the periodic measurement settings are shown in Table 10.
Table 10. Periodic Measurement Settings
Setting
Register Address (HEX)
Bits
Description
Activate Periodic
Measurements
0x02
<7>
0b0 when periodic measurements are deactivated
0b1 to activate periodic measurements
Frequency of Periodic
Measurements
0x02
<5:4>
0b00 for a measurement every 0.5s
0b01 for a measurement every 1s
0b10 for a measurement every 2.5s
Table 11. Alert Feature Settings
Setting
Register
Address
(HEX)
Bits
Description
Alert Pin Polarity
0x02
<0>
0b0 Alert pin is active high when triggered
0b1 Alert pin is active low when triggered
Alert Enable Settings
0x03
<3:0>
Enable the Alert feature when thresholds are surpassed as follows:
Bit <0>: RH Low alert enable
Bit <1>: RH High alert enable
Bit <2>: Temperature Low alert enable
Bit <3>: Temperature High alert enable
Setting a bit to 0b1 means this specific alert condition is enabled and
setting a bit to 0b0 means this specific alert condition is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com