Electronic Components Datasheet Search
  English  ▼

X  

HS3103 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HS3103
Description  High Performance Relative Humidity and Temperature Sensor with Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HS3103 Datasheet HTML 15Page - Renesas Technology Corp HS3103 Datasheet HTML 16Page - Renesas Technology Corp HS3103 Datasheet HTML 17Page - Renesas Technology Corp HS3103 Datasheet HTML 18Page - Renesas Technology Corp HS3103 Datasheet HTML 19Page - Renesas Technology Corp HS3103 Datasheet HTML 20Page - Renesas Technology Corp HS3103 Datasheet HTML 21Page - Renesas Technology Corp HS3103 Datasheet HTML 22Page - Renesas Technology Corp HS3103 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
HS400x Datasheet
R36DS0022EU0103 Rev.1.03
Jun 6, 2022
Page 19
Setting
Register
Address
(HEX)
Bits
Description
Trigger Threshold for
Temperature High
Alert
0x08, 0x07
<13:0>
Registers 0x08, 0x07 set the threshold for when the “Temperature High”
alert is triggered. When the measured temperature goes above the value in
this register, the Alert pin will be triggered.
The temperature used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a temperature threshold using the same
conversion equation shown in section 4.4.3.
Reset Threshold for
Temperature High
Alert
0x06, 0x05
<13:0>
Registers 0x06, 0x05 set the threshold for when the “Temperature High”
alert condition is reset. After the alert is triggered, it will only be reset after
the measured temperature goes below the value in this register.
The temperature used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a temperature threshold using the same
conversion equation shown in section 4.4.3.
Trigger Threshold for
Temperature Low Alert
0x0A, 0x09
<13:0>
Registers 0x0A, 0x09 set the threshold for when the “Temperature Low”
alert is triggered. When the measured temperature goes below the value in
this register, the Alert pin will be triggered.
The temperature used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a temperature threshold using the same
conversion equation shown in section 4.4.3.
Reset Threshold for
Temperature Low Alert
0x0C, 0x0B
<13:0>
Registers 0x0C, 0x0B set the threshold for when the “Temperature Low”
alert condition is reset. After the alert is triggered, it will only be reset after
the measured temperature goes above the value in this register.
The temperature used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a temperature threshold using the same
conversion equation shown in section 4.4.3.
Trigger Threshold for
Relative Humidity High
Alert
0x10, 0x0F
<13:0>
Registers 0x10, 0x0F set the threshold for when the “RH High” alert is
triggered. When the measured RH goes above the value in this register,
the Alert pin will be triggered.
The humidity used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a humidity threshold using the same
conversion equation shown in section 4.4.3.
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
0's
Trigger Threshold [13:8]
Trigger Threshold [7:0]
Register 0x08
Register 0x07
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
Register 0x06
Register 0x05
0's
Reset Threshold [13:8]
Reset Threshold [7:0]
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
Register 0x0A
Register 0x09
0's
Trigger Threshold [13:8]
Trigger Threshold [7:0]
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
Register 0x0C
Register 0x0B
0's
Reset Threshold [13:8]
Reset Threshold [7:0]
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
0's
Trigger Threshold [13:8]
Trigger Threshold [7:0]
Register 0x10
Register 0x0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com