Electronic Components Datasheet Search
  English  ▼

X  

AD7306ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7306ARZ
Description  5 V Powered RS-232/RS-422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD7306ARZ Datasheet HTML 1Page - Analog Devices AD7306ARZ Datasheet HTML 2Page - Analog Devices AD7306ARZ Datasheet HTML 3Page - Analog Devices AD7306ARZ Datasheet HTML 4Page - Analog Devices AD7306ARZ Datasheet HTML 5Page - Analog Devices AD7306ARZ Datasheet HTML 6Page - Analog Devices AD7306ARZ Datasheet HTML 7Page - Analog Devices AD7306ARZ Datasheet HTML 8Page - Analog Devices AD7306ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD7306
–4–
REV. D
PIN FUNCTION DESCRIPTION
SOIC
DIP
Pin
Pin
Mnemonic
Function
1
19
V+
2, 3
20, 22
C1+, C1–
423
R2IN
524
T1OUT
61
T2OUT
72
VCC
83
R1IN (B)
94
R1IN/R1IN (A)
10
5
T3OUT (B)
11
6
T3OUT (A)
12, 13
16, 21
NC
14, 18
7, 11
GND
15
8
232/422 SEL
16
9
T3IN
17
10
R1OUT
19
12
T2IN
20
13
T1IN
21
14
R2OUT
22, 23
15, 17
C2+, C2–
24
18
V–
Internally Generated Positive Supply (+9 V nominal). A 0.1
µF capacitor must be connected
between this pin and GND.
External Capacitor 1 Terminals. A 0.1
µF capacitor must be connected between these pins.
RS-232 Receiver R2 Input. This input accepts RS-232 input voltages.
RS-232 Transmitter (Driver) T1 Output (Typically
±7.5 V).
RS-232 Transmitter (Driver) T2 Output (Typically
±7.5 V).
Power Supply Input (5 V
± 5%).
RS-422 Receiver R1, Differential Input B.
Receiver R1 Input. May be configured to accept either single ended RS-232 levels or
differential RS-422 levels. It is configured using the 232/422 SEL pin.
RS-422 Transmitter (Driver) T3, Differential Output B.
RS-422 Transmitter (Driver) T3, Differential Output A.
No Connect Pins.
Ground Pin. Must be connected to 0 V.
Select Input. This input configures Receiver R1 to accept either RS-232 or RS-422 signal lev-
els. A Logic 1 on this input selects 232 operation while a Logic 0 selects 422 operation.
TTL/CMOS Input to the RS-422 Transmitter T3.
TTL/CMOS Output from Receiver R1.
TTL/CMOS Input to RS-232 Transmitter T2.
TTL/CMOS Input to RS-232 Transmitter T1.
TTL/CMOS Output from Receiver R2.
External Capacitor 2 Terminals. A 0.1
µF capacitor must be connected between these pins.
Internally Generated Negative Supply (–9 V nominal). A 0.1
µF capacitor must be connected
between this pin and GND.
PIN CONFIGURATIONS
SOIC
V+
C1+
C1–
V–
C2–
C2+
GND
NC
NC
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
16
15
14
13
20
19
18
17
AD7306
SOIC
TOP VIEW
(Not to Scale)
GND
R1
IN /R1IN (A)
T2
OUT
T1
OUT
R2
IN
R1
IN (B)
T3
OUT (B)
R2
OUT
T3
IN
232/422 SEL
V
CC
R1
OUT
T1
IN
T2
IN
T3
OUT (A)
DIP
R1
IN /R1IN (A)
V+
C1+
C1–
V–
C2–
C2+
GND
NC
NC
T2
OUT
T1
OUT
R2
IN
R1
IN (B)
T3
OUT (B)
R2
OUT
T3
IN
232/422 SEL
V
CC
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
16
15
14
13
20
19
18
17
AD7306
DIP
TOP VIEW
(Not to Scale)
GND
R1
OUT
T1
IN
T2
IN
T3
OUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com