Electronic Components Datasheet Search
  English  ▼

X  

AD7306ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7306ARZ
Description  5 V Powered RS-232/RS-422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7306ARZ Datasheet HTML 2Page - Analog Devices AD7306ARZ Datasheet HTML 3Page - Analog Devices AD7306ARZ Datasheet HTML 4Page - Analog Devices AD7306ARZ Datasheet HTML 5Page - Analog Devices AD7306ARZ Datasheet HTML 6Page - Analog Devices AD7306ARZ Datasheet HTML 7Page - Analog Devices AD7306ARZ Datasheet HTML 8Page - Analog Devices AD7306ARZ Datasheet HTML 9Page - Analog Devices AD7306ARZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Performance Characteristics–AD7306
REV. D
–7–
10
0
30
6
2
5
4
0
8
25
20
15
10
OUTPUT CURRENT
± – mA
V+
V-
V
= 5V
T + 25
°C
CC
Figure 8. V+ and V– Voltage vs. Current
25
0
2500
5
0
15
10
20
2000
1500
1000
500
LOAD CAPACITANCE – pF
–VE
+VE
Figure 9. RS-232 Driver Slew Rate vs. Load Capacitance
10
90
100
0%
A4 -0 370 V
1
µs
5V
5V
Figure 10. RS-232 Driver; RL = 5 kΩ, CL = 50 pF
10
0
10
6
2
2
4
0
8
8
6
4
RS-232 TRANSMITTER OUTPUT CURRENT – mA
–V CURRENT
E
+V CURRENT
E
Figure 11. RS-232 Driver Output Voltage vs. Current
6
0
60
3
1
10
2
0
5
4
50
40
30
20
DIFFERENTIAL O/P CURRENT – mA
V
= 5.25V
CC
V
= 5.0V
CC
V
= 4.75V
CC
Figure 12. RS-422 Driver Output Current vs. Output Voltage
10
90
100
0%
10ns
5
1V
1V
A3
2 4 V
Figure 13. RS-422 Driver; RLDIFF = 100 Ω, CL1 = CL2 = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com