Electronic Components Datasheet Search
  English  ▼

X  

ADN4664 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4664
Description  Dual, 3 V, CMOS, LVDS Differential Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4664 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4664 Datasheet HTML 4Page - Analog Devices ADN4664 Datasheet HTML 5Page - Analog Devices ADN4664 Datasheet HTML 6Page - Analog Devices ADN4664 Datasheet HTML 7Page - Analog Devices ADN4664 Datasheet HTML 8Page - Analog Devices ADN4664 Datasheet HTML 9Page - Analog Devices ADN4664 Datasheet HTML 10Page - Analog Devices ADN4664 Datasheet HTML 11Page - Analog Devices ADN4664 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN4664
Rev. 0 | Page 11 of 12
THEORY OF OPERATION
The ADN4664 is a dual line receiver for low voltage differential
signaling. It takes a differential input signal of 310 mV typically
and converts it into a single-ended 3 V TTL/CMOS logic signal.
A differential current input signal, received via a transmission
medium, such as a twisted pair cable, develops a voltage across
a terminating resistor, RT. This resistor is chosen to match the
characteristic impedance of the medium, typically around
100 Ω. The differential voltage is detected by the receiver and
converted back into a single-ended logic signal.
When the noninverting receiver input, RINx+, is positive with
respect to the inverting input RINx− (current flows through RT
from RINx+ to RINx−), then ROUTx is high. When the noninverting
receiver input RINx+ is negative with respect to the inverting
input RINx− (current flows through RT from RINx− to RINx+), then
ROUTx is low.
The ADN4664 differential line receiver is capable of receiving
signals of 100 mV over a ±1 V common-mode range centered
around 1.2 V. This relates to the typical driver offset voltage
value of 1.2 V. The signal originating from the driver is centered
around 1.2 V and may shift ±1 V around this center point. This
±1 V shifting may be caused by a difference in the ground
potential of the driver and receiver, the common-mode effect
of coupled noise, or both.
Using the ADN4663 as a driver, the received differential current
is between 2.5 mA and 4.5 mA (typically 3.1 mA), developing
between 250 mV and 450 mV across a 100 Ω termination resis-
tor. The received voltage is centered around the receiver offset of
1.2 V. In other words, the noninverting receiver input is typically
(1.2 V + [310 mV/2]) = 1.355 V, and the inverting receiver input is
(1.2 V − [310 mV/2]) = 1.045 V for Logic 1. For Logic 0 the inverting
and noninverting input voltages are reversed. Note that because
the differential voltage reverses polarity, the peak-to-peak voltage
swing across RT is twice the differential voltage.
Current mode signaling offers considerable advantages over
voltage mode signalling, such as RS-422. The operating current
remains fairly constant with increased switching frequency,
whereas with voltage mode drivers the current increases
exponentially in most cases. This is caused by the overlap as
internal gates switch between high and low, which causes cur-
rents to flow from VCC to ground. A current mode device simply
reverses a constant current between its two outputs, with no
significant overlap currents.
This is similar to emitter-coupled logic (ECL) and positive emitter-
coupled logic (PECL), but without the high quiescent current of
ECL and PECL.
APPLICATIONS INFORMATION
Figure 23 shows a typical application for point-to-point data
transmission using the ADN4663 as the driver.
DINy
DOUTy–
ROUTx
RINx–
DOUTy+
RINx+
100Ω
RT
0.1µF
10µF
TANTALUM
10µF
TANTALUM
+
+
VCC
0.1µF
VCC
GND
GND
ADN4663
ADN4664
3.3V
3.3V
Figure 23. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com