Electronic Components Datasheet Search
  English  ▼

X  

ADN4664 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4664
Description  Dual, 3 V, CMOS, LVDS Differential Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4664 Datasheet(HTML) 3 Page - Analog Devices

  ADN4664 Datasheet HTML 1Page - Analog Devices ADN4664 Datasheet HTML 2Page - Analog Devices ADN4664 Datasheet HTML 3Page - Analog Devices ADN4664 Datasheet HTML 4Page - Analog Devices ADN4664 Datasheet HTML 5Page - Analog Devices ADN4664 Datasheet HTML 6Page - Analog Devices ADN4664 Datasheet HTML 7Page - Analog Devices ADN4664 Datasheet HTML 8Page - Analog Devices ADN4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADN4664
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 3.0 V to 3.6 V; CL = 15 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
Symbol
Min
Typ2
Max
Unit
Conditions/Comments
LVDS INPUT
High Threshold at RINx+, RINx−3
VTH
+100
mV
VCM = 1.2 V, 0.05 V, 2.95 V
Low Threshold at RINx+, RINx−3
VTL
−100
mV
VCM = 1.2 V, 0.05 V, 2.95 V
Input Current at RINx+, RINx−
IIN
−10
±1
+10
μA
VIN = 2.8 V, VCC = 3.6 V or 0 V
−10
±1
+10
μA
VIN = 0 V, VCC = 3.6 V or 0 V
−20
±1
+20
μA
VIN = 3.6 V, VCC = 0 V
OUTPUT
Output High Voltage
VOH
2.7
3.1
V
IOH = −0.4 mA, VID = +200 mV
2.7
3.1
V
IOH = −0.4 mA, input terminated
2.7
3.1
V
IOH = −0.4 mA, input shorted
Output Low Voltage
VOL
0.3
0.5
V
IOL = 2 mA, VID = −200 mV
Output Short-Circuit Current4
IOS
−15
−47
−100
mA
Enabled, VOUT = 0 V
Input Clamp Voltage
VCL
−1.5
−0.8
V
ICL = −18 mA
POWER SUPPLY
No Load Supply Current
ICC
5.4
9
mA
Inputs open
ESD PROTECTION
RINx+, RINx− Pins
±15 kV
Human body model
All Pins Except RINx+, RINx−
±4 kV
Human body model
1 Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise specified.
2 All typicals are given for: VCC = 3.3 V, TA = 25°C.
3 VCC is always higher than RINx+ and RINx− voltage. RINx− and RINx+ are allowed to have a voltage range of −0.2 V to VCC − VID/2. However, to be compliant with ac
specifications, the common voltage range is 0.1 V to 2.3 V.
4 Output short-circuit current (IOS) is specified as magnitude only; the minus sign indicates direction only. Only one output should be shorted at a time. Do not exceed
maximum junction temperature specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com