Electronic Components Datasheet Search
  English  ▼

X  

ADP5585 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5585
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585 Datasheet(HTML) 1 Page - Analog Devices

  ADP5585 Datasheet HTML 1Page - Analog Devices ADP5585 Datasheet HTML 2Page - Analog Devices ADP5585 Datasheet HTML 3Page - Analog Devices ADP5585 Datasheet HTML 4Page - Analog Devices ADP5585 Datasheet HTML 5Page - Analog Devices ADP5585 Datasheet HTML 6Page - Analog Devices ADP5585 Datasheet HTML 7Page - Analog Devices ADP5585 Datasheet HTML 8Page - Analog Devices ADP5585 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Keypad Decoder and I/O Expansion
Data Sheet
ADP5585
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-element FIFO for event recording
10 configurable I/Os allowing functions such as
Key pad decoding for a matrix of up to 5 × 5
11 GPIOs (5 × 6) with ADP5585ACxZ-01-R7 models
Key press/release interrupts
GPIO functions
GPI with selectable interrupt level
100 kΩ or 300 kΩ pull-up resistors
300 kΩ pull-down resistors
GPO with push-pull or open-drain
Programmable logic block
PWM generator
Internal PWM generation
External PWM with internal PWM AND function
Reset generators
I2C interface with fast mode plus (Fm+) support of up to 1 MHz
Open-drain interrupt output
16-ball WLCSP, 1.59 mm × 1.59 mm
16-lead LFCSP, 3 mm × 3 mm
APPLICATIONS
Keypad entries and input/output expansion capabilities
Smart phones, remote controls, and cameras
Healthcare, industrial, and instrumentation
FUNCTIONAL BLOCK DIAGRAM
SDA
GPI SCAN
AND
DECODE
UVLO
POR
I2C INTERFACE
OSCILLATOR
REGISTERS
KEY SCAN
AND
DECODE
LOGIC
I/O
CONFIG
INT
RST/R5
PWM
SCL
VDD
ADP5585
GND
RESET1
GEN
RESET2
GEN
R0
R3
R1
R2
R4
C0
C1
C2
C3
C4
Figure 1.
GENERAL DESCRIPTION
The ADP5585 is a 10 input/output port expander with a built in
keypad matrix decoder, programmable logic, reset generator, and
PWM generator. Input/output expander ICs are used in portable
devices (phones, remote controls, and cameras) and nonportable
applications (healthcare, industrial, and instrumentation). I/O
expanders can be used to increase the number of I/Os available
to a processor or to reduce the number of I/Os required through
interface connectors for front panel designs.
The ADP5585 handles all key scanning and decoding and can
flag the main processor via an interrupt line that new key events
have occurred. GPI changes and logic changes can also be tracked
as events via the FIFO, eliminating the need to monitor different
registers for event changes. The ADP5585 is equipped with a
FIFO to store up to 16 events. Events can be read back by the
processor via an I2C-compatible interface.
The ADP5585 frees up the main processor from having to
monitor the keypad, thereby reducing power consumption
and/or increasing processor bandwidth for performing other
functions.
The programmable logic functions allow common logic require-
ments to be integrated as part of the GPIO expander, thus saving
board area and cost.


Similar Part No. - ADP5585

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5585 AD-ADP5585 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-00-R7 AD-ADP5585ACBZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-01-R7 AD-ADP5585ACBZ-01-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585ACBZ-02-R7 AD-ADP5585ACBZ-02-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
More results

Similar Description - ADP5585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com